Electronic Components Datasheet Search
  English  ▼

X  

IXGH28N90B Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGH28N90B
Description  HIPERFAST IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH28N90B Datasheet(HTML) 2 Page - IXYS Corporation

  IXGH28N90B Datasheet HTML 1Page - IXYS Corporation IXGH28N90B Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
Symbol
TestConditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ. max.
g
fs
I
C
= I
C110; VCE = 10 V,
20
32
S
Pulse test, t £ 300 ms, duty cycle £ 2 %
C
ies
3200
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
160
pF
C
res
32
pF
Q
g
100
150 nC
Q
ge
I
C = IC110, VGE = 15 V, VCE = 0.5 VCES
18
28 nC
Q
gc
40
70 nC
t
d(on)
30
ns
t
ri
30
ns
t
d(off)
100
170 ns
t
fi
130
220 ns
E
off
1.2
2 mJ
t
d(on)
30
ns
t
ri
35
ns
E
on
0.3
mJ
t
d(off)
280
ns
t
fi
190
ns
E
off
2.5
mJ
R
thJC
0.62 K/W
R
thCK
0.25
K/W
Inductive load, T
J = 25°C
I
C = IC110, VGE = 15 V
V
CE = 0.8 VCES, RG = Roff = 4.7 W
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
Inductive load, T
J = 125°C
I
C = IC110, VGE = 15 V
V
CE = 0.8 VCES, RG = Roff = 4.7 W
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
TO-247 AD Outline
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.7
5.3
.185
.209
A
1
2.2
2.54
.087
.102
A
2
2.2
2.6
.059
.098
b
1.0
1.4
.040
.055
b
1
1.65
2.13
.065
.084
b
2
2.87
3.12
.113
.123
C
.4
.8
.016
.031
D
20.80
21.46
.819
.845
E
15.75
16.26
.610
.640
e
5.20
5.72
0.205 0.225
L
19.81
20.32
.780
.800
L1
4.50
.177
ÆP
3.55
3.65
.140
.144
Q
5.89
6.40
0.232 0.252
R
4.32
5.49
.170
.216
S
6.15 BSC
242 BSC
e
Æ P
TO-268 Outline
Min Recommended Footprint
TO-247
IXGH 28N90B
IXGT 28N90B



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com