Electronic Components Datasheet Search
  English  ▼

X  

IXGH28N90B Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGH28N90B
Description  HIPERFAST IGBT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH28N90B Datasheet(HTML) 1 Page - IXYS Corporation

  IXGH28N90B Datasheet HTML 1Page - IXYS Corporation IXGH28N90B Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2000 IXYS All rights reserved
Symbol
TestConditions
Maximum Ratings
V
CES
T
J = 25°C to 150°C
900
V
V
CGR
T
J = 25°C to 150°C; RGE = 1 MW
900
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C51
A
I
C110
T
C = 110°C28
A
I
CM
T
C = 25°C, 1 ms
120
A
SSOA
V
GE = 15 V, TVJ = 125°C, RG = 10 W
I
CM = 56
A
(RBSOA)
Clamped inductive load, L = 100 mH
@ 0.8 V
CES
P
C
T
C = 25°C
200
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum lead temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
M
d
Mounting torque (M3)
1.13/10Nm/lb.in.
Weight
TO-247 AD
6
g
TO-247 SMD
4
g
Symbol
TestConditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ. max.
BV
CES
I
C
= 250 mA, V
GE = 0 V
900
V
V
GE(th)
I
C
= 250 mA, V
CE = VGE
2.5
5
V
I
CES
V
CE = VCES
T
J = 25°C
500
mA
V
GE = 0 V
T
J = 150°C5
mA
I
GES
V
CE = 0 V, VGE = ±20 V
±100
nA
V
CE(sat)
I
C
= I
C110, VGE = 15 V
2.2
2.7
V
98634B (10/00)
C (TAB)
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
G
C
E
TO-247 AD
(IXGH)
Features
l
International standard packages
JEDEC TO-268 surface
mountable and JEDEC TO-247 AD
l
High current handling capability
l
Latest generation HDMOSTM process
l
MOS Gate turn-on
- drive simplicity
Applications
l
AC motor speed control
l
DC servo and robot drives
l
DC choppers
l
Uninterruptible power supplies (UPS)
l
Switched-mode and resonant-mode
power supplies
Advantages
l
Space savings (two devices in one
package)
l
High power density
l
Suitable for surface mounting
l
Switching speed for high frequency
applications
l
Easy to mount with 1 screw,TO-247
(isolated mounting screw hole)
HiPerFASTTM IGBT
TO-268 (D3)
(IXGT)
(TAB)
G
E
V
CES
=
900
V
I
C25
=
51
A
V
CE(SAT)
=
2.7
V
t
fi(typ)
=
130 ns
IXGH 28N90B
IXGT 28N90B
Preliminary data sheet


Similar Part No. - IXGH28N90B

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXGH28N90B ISC-IXGH28N90B Datasheet
327Kb / 2P
IGBT
More results

Similar Description - IXGH28N90B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGX120N60B IXYS-IXGX120N60B Datasheet
46Kb / 2P
HiPerFAST IGBT
IXGH40N30S IXYS-IXGH40N30S Datasheet
94Kb / 2P
HiPerFAST IGBT
IXGH20N30 IXYS-IXGH20N30 Datasheet
35Kb / 2P
HiPerFAST IGBT
IXGH22N50B IXYS-IXGH22N50B Datasheet
68Kb / 2P
HiPerFAST IGBT
IXGH40N30A IXYS-IXGH40N30A Datasheet
35Kb / 2P
HiPerFAST IGBT
IXGH50N60B IXYS-IXGH50N60B Datasheet
182Kb / 4P
HiPerFAST IGBT
IXGE200N60B IXYS-IXGE200N60B Datasheet
67Kb / 2P
HiPerFAST IGBT
IXGA15N120C IXYS-IXGA15N120C Datasheet
68Kb / 2P
HiPerFAST IGBT
IXGE200N60B IXYS-IXGE200N60B_04 Datasheet
527Kb / 2P
HiPerFAST IGBT
IXGH40N60B2 IXYS-IXGH40N60B2 Datasheet
584Kb / 5P
HiPerFAST IGBT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com