Electronic Components Datasheet Search
  English  ▼

X  

1046644 Datasheet(PDF) 2 Page - SICK AG

Part # 1046644
Description  PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1046644 Datasheet(HTML) 2 Page - SICK AG

  1046644 Datasheet HTML 1Page - SICK AG 1046644 Datasheet HTML 2Page - SICK AG 1046644 Datasheet HTML 3Page - SICK AG 1046644 Datasheet HTML 4Page - SICK AG 1046644 Datasheet HTML 5Page - SICK AG 1046644 Datasheet HTML 6Page - SICK AG 1046644 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
WTV4-3P2271 | MultiV
PHOTOELECTRIC SENSORS
Illustration may differ
Ordering information
Type
Part no.
WTV4-3P2271
1046644
Other models and accessories
www.sick.com/MultiV
Detailed technical data
Features
Sensor/ detection principle
Photoelectric proximity sensor, Background suppression
Dimensions (W x H x D)
16 mm x 39.5 mm x 12 mm
Housing design (light emission)
Rectangular
Sensing range max.
3 mm ... 50 mm 1)
Sensing range
5 mm ... 50 mm 1)
Type of light
Visible red light
Light source
PinPoint LED 2)
Light spot size (distance)
3 mm x 20 mm (40 mm)
Wave length
650 nm
Adjustment
Potentiometer, 5 turns
AutoAdapt
✔
1) Object with 90 % reflectance (referred to standard white, DIN 5033).
2) Average service life: 100,000 h at TU = +25 °C.
Mechanics/electronics
Supply voltage
10 V DC ... 30 V DC 1)
Ripple
< 5 Vpp 2)
Power consumption
≤ 20 mA 3)
Output type
PNP
Output function
Complementary
Switching mode
Light switching
1) Limit values.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Signal transit time with resistive load.
5) With light/dark ratio 1:1.
6) A = VS connections reverse-polarity protected.
7) C = interference suppression.
8) D = outputs overcurrent and short-circuit protected.
2
PHOTOELECTRIC SENSORS | SICK
Online data sheet | 2017-09-11 15:01:27
Subject to change without notice



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com