Electronic Components Datasheet Search
  English  ▼

X  

1046644 Datasheet(PDF) 3 Page - SICK AG

Part # 1046644
Description  PHOTOELECTRIC SENSORS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

1046644 Datasheet(HTML) 3 Page - SICK AG

  1046644 Datasheet HTML 1Page - SICK AG 1046644 Datasheet HTML 2Page - SICK AG 1046644 Datasheet HTML 3Page - SICK AG 1046644 Datasheet HTML 4Page - SICK AG 1046644 Datasheet HTML 5Page - SICK AG 1046644 Datasheet HTML 6Page - SICK AG 1046644 Datasheet HTML 7Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
WTV4-3P2271 | MultiV
PHOTOELECTRIC SENSORS
Output current Imax.
≤ 100 mA
Response time
< 0.5 ms 4)
Switching frequency
1,000 Hz 5)
Connection type
Connector M8, 4-pin
Circuit protection
A 6)
C 7)
D 8)
Protection class
III
Weight
30 g
Housing material
Plastic, ABS
Optics material
Plastic, PMMA
Enclosure rating
IP67
IP66
Special feature
V-optics, Line-shaped light spot
Ambient operating temperature
–40 °C ... +60 °C
Ambient storage temperature
–40 °C ... +75 °C
UL File No.
NRKH.E181493 & NRKH7.E181493
1) Limit values.
2) May not exceed or fall below Uv tolerances.
3) Without load.
4) Signal transit time with resistive load.
5) With light/dark ratio 1:1.
6) A = VS connections reverse-polarity protected.
7) C = interference suppression.
8) D = outputs overcurrent and short-circuit protected.
Classifications
ECl@ss 5.0
27270904
ECl@ss 5.1.4
27270904
ECl@ss 6.0
27270904
ECl@ss 6.2
27270904
ECl@ss 7.0
27270904
ECl@ss 8.0
27270904
ECl@ss 8.1
27270904
ECl@ss 9.0
27270904
ETIM 5.0
EC002719
ETIM 6.0
EC002719
UNSPSC 16.0901
39121528
2017-09-11 15:01:27 | Online data sheet
Subject to change without notice
PHOTOELECTRIC SENSORS | SICK
3



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com