Electronic Components Datasheet Search
  English  ▼

X  

LM2941 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LM2941
Description  1.25A High Current Low Dropout
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM2941 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LM2941 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM2941 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM2941 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM2941 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM2941 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Bay Linear, Inc 2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
LM2940/2941
ENABLE Input LM2941
Input Logic Voltage
Low (OFF)
High (ON)
2.4
0.8
V
VEN = 26V
100
600
750
V
Enable Pin
Input Current
VEN = 0.8V
2.5
5
µA
Regulator Output
Current in Shutdown
(Note 10)
10
500
µA
NOTES:
The Bold specifications apply to the full operating temperature range.
Note 1: Maximum positive supply voltage of 60V must be of limited duration (<100msec) and duty cycle.) The maximum continuous supply voltage is 26V.
Note 2: Full load current (IFL) is defined as 1.25A for the LM2941.
Note 3: Dropout voltage is defined as the input-to output differential when the output voltage drops to 99% of its nominal value with VOUT + 1V applied to VIN.
Note 4: VIN = VOUT (NOMINAL) +1V. For example, use VIN= 4.3V for a 3.3V regulator. Employ pulse-testing procedures to minimize temperature rise.
Note 5: Ground pin current is the regulator quiescent current. The total current drawn from the source is the sum of the load current to the ground current.
Note 6: Output voltage temperature coefficient is defined as the worst case voltage changed divided by the total temperature range.
Note 7: Thermal regulation is defined as the change in the output voltage at a time T after a change in power dissipation is applied, excluding load or line regulation
effects. Specifications are for a 200mA load pulse as VIN = 20V (a 4W pulse) for T = 10ms.
Note 8: VREF
≤ VOUT ≤ (VIN - 1), 2.3V ≤ VIN≤ 26V, 10mA < IL ≤ IFL, TJ ≤ TJMAX
Note 9: Comparator threshold is expressed in terms of a voltage differential at the Adjust terminal below the nominal reference voltage measured 6V input. To express
these thresholds in terms of output voltage change, multiply the error amplifier gain = VOUT/VREF = (R1 + R2)/R2. For example, at a programmable output voltage of
5V, the Error output is guaranteed to go low when the output drops by 95mVx 5V/ 1.240V = 38mV. Threshold remains constant as a percent of VOUT as VOUT is varied,
with the dropout warning occurring at typically 5% below nominal, 7.7% guaranteed.
Note 10: VEN ≤ 0.8V and VIN≤ 26V, VOUT = 0.
BLOCK DIAGRAM
Reference
Thermal
Shutdown
EN
IN
OUT
ADJ
GND
O.V
I
LIMIT
28V
R1*
R2*
1.180V
1.240V +
+
--
FLAG



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com