Electronic Components Datasheet Search
  English  ▼

X  

LM2941 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LM2941
Description  1.25A High Current Low Dropout
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LM2941 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LM2941 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM2941 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM2941 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM2941 Datasheet HTML 4Page - List of Unclassifed Manufacturers LM2941 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Bay Linear, Inc 2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
1.25A High Current Low Dropout
LM2940/2941
Voltage Regulator Adjustable
Pin Connection
Ordering Information
Devices
Package
Temp.
LM2940T
TO-220-3
-40
°C to 125 °C
LM2941T
TO-220-5
-40
°C to 125 °C
LM2940S
TO-263-3
-40
°C to 125 °C
LM2941S
TO-263-5
-40
°C to 125 °C
LM2940N
SOT-223-3
-40
°C to 125 °C
LM2941N
SOT-223-5
-40
°C to 125 °C
LM2940J
LPDD-3
-40
°C to 125 °C
LM2941J
LPDD-5
-40
°C to 125 °C
Description
The Bay Linear LM2940 & LM2941 is a 1.25A high accuracy, low
dropout voltage regulator with only 40mV at light loads and
350mV(Typ.)@ 1.0A) and low quiescent current of 240
µA typical.
The LM2940/41 is designed for low voltage a application that
requires lower dropout voltage and faster transient response. This
device is an excellent choice for use in powering low voltage
applications where require a lower dropout, faster transient response
to regulate from +2.5V to 3.8V supplies and as a post regulator for
switching supplies applications.
The LM2940/41 offers full protection against over-current faults,
reversed input polarity, reversed load insertion, and positive and
negative transient voltage. On-Chip trimming adjusts the reference
voltage to 1%. The LM2940-xx devices are in 3 pin fixed voltage
regulators. The LM2941 include an Enable pin
in the 5 pin
packages
.
The LM2940/41 are offered in a 3 & 5-pin SOT-223, TO-220 &
TO-263 package compatible with other 3 terminal regulators. The
LM2940/41 is also offer in a new LPDD (Low Profile TO-263)
package from 4.47 mm (DD) tickness down to only 1.27 mm
(LPDD) t t l ti k
Features
•
High output accuracy of 1%
•
Output Adjustable from 1.24V to 26V
•
Output Current of 1.25A
•
Low Dropout Voltage
•
Low quiescent current
•
Extremely Tight Load & Line Regulation
•
Reverse-battery and “Load Dump” Protection
•
Zero Current Shutdown Mode (5-pin version)
•
Offer in TO-263, TO-220, SOT-223, & New Slim
LPDD
• Similar to industry Standard MIC2940LM2941
Applications
•
Powering VGA & Sound Card
•
LCD Monitor
•
Battery Powered Equipments/Laptop & Notebook
•
SMPS Post Regulator / DC to DC Modules
•
High Efficiency Linear Power Supply
•
Adjustable Power Supply
•
Bar Code Scanners
Bay Linear
Inspire the Linear Power
TO-263-3 Package
V
OUT
GND
V
IN
BAY
B2940
Front View
12
3
Front View
TO-220-3 Package
BAY
B2940
V
IN
V
OUT
GND
TO-263-5 Package
Top View
45
BAY
B2941
3
2
1
GND
OUPUT
1)
3)
4)
5)
2) ON/OFF
ADJUST
INPUT
TO-220-5 Package
Top View
BAY
B2941
12 3 4 5
TO-263-3 Package
V
OUT
GND
V
IN
BAY
B2940
Front View
12
3
Front View
TO-220-3 Package
BAY
B2940
V
IN
V
OUT
GND
TO-263-3 Package
V
OUT
GND
V
IN
BAY
B2940
Front View
12
3
Front View
TO-220-3 Package
BAY
B2940
V
IN
V
OUT
GND
Front View
TO-220-3 Package
BAY
B2940
V
IN
V
OUT
GND
TO-263-5 Package
Top View
45
BAY
B2941
3
2
1
GND
OUPUT
1)
3)
4)
5)
2) ON/OFF
ADJUST
INPUT
TO-220-5 Package
Top View
BAY
B2941
12 3 4 5
TO-263-5 Package
Top View
45
BAY
B2941
3
2
1
GND
OUPUT
1)
3)
4)
5)
2) ON/OFF
ADJUST
INPUT
GND
OUPUT
1)
3)
4)
5)
2) ON/OFF
ADJUST
INPUT
TO-220-5 Package
Top View
BAY
B2941
12 3 4 5
TO-220-5 Package
Top View
BAY
B2941
12 3 4 5


Similar Part No. - LM2941

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2941 NSC-LM2941 Datasheet
322Kb / 10P
1A Low Dropout Adjustable Regulator
LM2941 NSC-LM2941 Datasheet
342Kb / 14P
1A Low Dropout Adjustable Regulator
logo
Texas Instruments
LM2941 TI1-LM2941 Datasheet
3Mb / 26P
LM2941/LM2941C 1A Low Dropout Adjustable Regulator
LM2941 TI1-LM2941 Datasheet
3Mb / 30P
1A Low Dropout Adjustable Regulator
LM2941-MD8 TI1-LM2941-MD8 Datasheet
3Mb / 30P
1A Low Dropout Adjustable Regulator
More results

Similar Description - LM2941

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150 Datasheet
132Kb / 20P
High-Current Low-Dropout Regulators
MIC2940A MICREL-MIC2940A Datasheet
121Kb / 8P
1.25A Low-Dropout Voltage Regulator Preliminary Information
logo
List of Unclassifed Man...
LM3940 ETC-LM3940 Datasheet
145Kb / 3P
1.25A High Current Low Dropout
logo
M.S. Kennedy Corporatio...
MSK5115 MSK-MSK5115 Datasheet
326Kb / 5P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Micrel Semiconductor
MIC29150 MICREL-MIC29150_10 Datasheet
714Kb / 23P
High-Current Low-Dropout Regulators
MIC29150 MICREL-MIC29150_12 Datasheet
723Kb / 23P
High-Current Low-Dropout Regulators
MIC29302HWU MICREL-MIC29302HWU Datasheet
575Kb / 10P
High-Current Low-Dropout Regulators
logo
Anaren Microwave
MSK5102 ANAREN-MSK5102 Datasheet
375Kb / 6P
HIGH CURRENT, LOW DROPOUT VOLTAGE REGULATORS
logo
Microchip Technology
MIC2940A MICROCHIP-MIC2940A Datasheet
2Mb / 24P
1.25A Low Dropout Voltage Regulator
09/14/21
logo
TECH PUBLIC Electronics...
MIC29302WU TECHPUBLIC-MIC29302WU Datasheet
3Mb / 8P
High-Current Low Dropout Reaulator
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com