Electronic Components Datasheet Search
  English  ▼

X  

SPC472 Datasheet(PDF) 2 Page - Visual Communications Company

Part # SPC472
Description  LED illumination
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

SPC472 Datasheet(HTML) 2 Page - Visual Communications Company

  SPC472 Datasheet HTML 1Page - Visual Communications Company SPC472 Datasheet HTML 2Page - Visual Communications Company SPC472 Datasheet HTML 3Page - Visual Communications Company SPC472 Datasheet HTML 4Page - Visual Communications Company SPC472 Datasheet HTML 5Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Series
Lens
Style
Color
Voltage
1092Q
-
Hi-Dome
Hi-Hat
Semi-Dome
Small-Dome
A
C
D
M
Amber
Red
Green
28V
28V
12V
12V
luminous
intensity (Typ)
13,000 mcd
13,000 mcd
12,000 mcd
1
3
5
125VAC
125VAC
08/16 Rev 3
the first call for illuminated components
www.vcclite.com
1.800.522.5546
Speed Nut: SN0461-C
O’Ring Gasket: SPC472
The 1092 Series is available in a range of standard features and options.
To specify your Panel Mount Indicator, simply choose one option from each column.
An example is shown below
Example: 1092D5-12V
1092 with Semi-Dome lens - Green LED and 12 Volts
Ordering Data
Accessories Ordering Data [order separately]
2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com