Electronic Components Datasheet Search
  English  ▼

X  

SPC472 Datasheet(PDF) 1 Page - Visual Communications Company

Part # SPC472
Description  LED illumination
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VCC [Visual Communications Company]
Direct Link  http://vcclite.com
Logo VCC - Visual Communications Company

SPC472 Datasheet(HTML) 1 Page - Visual Communications Company

  SPC472 Datasheet HTML 1Page - Visual Communications Company SPC472 Datasheet HTML 2Page - Visual Communications Company SPC472 Datasheet HTML 3Page - Visual Communications Company SPC472 Datasheet HTML 4Page - Visual Communications Company SPC472 Datasheet HTML 5Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
08/16 Rev 3
oil, air and dust tight.
the first call for illuminated components
www.vcclite.com
1.800.522.5546
1
• Four different lens styles available: Hi Hat,
• LED illumination
• Snaps fit into 0.500” (12.7mm) panel hole
• Front-panel mount
• 4.4”/4.8” wire leads version
also available
• Front panel snap-in mounting requires no
additional hardware
Hi Dome, Semi Dome and Small Dome
• Three colors available: Red, Green,
Amber
• Available in operating voltage of
• 0.187” (4.75mm) tab terminal
12V, 28V and 125V
• UL/cUL Listed. File Number E20356
• High brightness LEDs for daylight viewing
• Life expectancy of 100,000 hours
• Compliant with RoHS and REACH
requirements
• 'D' mounting hole aids anti-rotation
• Order speed nuts separately to provide
maximum fastening power with minimal
installation torque.
• Transparent and clear lenses provide
visibility during the daylight
• For customized options, please contact us
• Solution to retrofit: save energy and
reduce the costs
• Order gasket separately to provide water,
Key Features
• Automation & Control
• Manufacturing
• Oil and Gas Industry
• Maritime
• Medical
• People Movers
• Food Service
• Transportation
• Industrial
Applications
1092 Series
LED Panel Mount Indicators
Tab Terminals
Available in four different lens styles, three diffused lens
colors and operating voltage of 12V, 28V and 125V
Snap fit into 0.500” (12.7mm) panel hole diameter


Similar Part No. - SPC472

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
SPC472 VCC-SPC472 Datasheet
611Kb / 5P
1092 Series 0.500” (12.7mm) Wire Leads LED Panel Mount Indicator
03/18 Rev4
More results

Similar Description - SPC472

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
IR2E46Y SHARP-IR2E46Y Datasheet
344Kb / 14P
Illumination and Flash RGB-LED Driver
logo
Rohm
BP5845W ROHM-BP5845W Datasheet
454Kb / 3P
High-power LED Drivers for Illumination
logo
GREATECS
BR20 GREATECS-BR20 Datasheet
293Kb / 2P
Touch-Sensitive Switch with LED Illumination
SB54 GREATECS-SB54 Datasheet
136Kb / 1P
SMT Slide Switches with LED Illumination
logo
Rohm
BP5843A ROHM-BP5843A_10 Datasheet
1Mb / 4P
Isolated High-power LED Driver for Illumination
BP5844 ROHM-BP5844 Datasheet
972Kb / 4P
Isolated High-power LED Driver for Illumination
BP5845W ROHM-BP5845W_10 Datasheet
1Mb / 4P
Isolated High-power LED Driver for Illumination
logo
Lumileds Lighting Compa...
LXH7-FW30 LUMILEDS-LXH7-FW30 Datasheet
1Mb / 19P
High-Efficacy, Illumination Grade LED light source
LXH8-FW27-Y LUMILEDS-LXH8-FW27-Y Datasheet
1Mb / 2P
High-Efficacy, Illumination Grade LED light source
logo
Panasonic Semiconductor
AN30259C PANASONIC-AN30259C Datasheet
509Kb / 34P
3-ch. LED Driver for illumination
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com