Electronic Components Datasheet Search
  English  ▼

X  

LTC3404 Datasheet(PDF) 10 Page - Linear Technology

Part # LTC3404
Description  1.4MHz High Efficiency Monolithic Synchronous Step-Down Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3404 Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC3404 Datasheet HTML 6Page - Linear Technology LTC3404 Datasheet HTML 7Page - Linear Technology LTC3404 Datasheet HTML 8Page - Linear Technology LTC3404 Datasheet HTML 9Page - Linear Technology LTC3404 Datasheet HTML 10Page - Linear Technology LTC3404 Datasheet HTML 11Page - Linear Technology LTC3404 Datasheet HTML 12Page - Linear Technology LTC3404 Datasheet HTML 13Page - Linear Technology LTC3404 Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
LTC3404
voltage. The ITH pin compensation components can be
optimized to provide stable high performance transient
response regardless of the output capacitor selected.
ESR is a direct function of the volume of the capacitor.
Manufacturers such as Taiyo-Yuden, AVX, Kemet, Sprague
and Sanyo should be considered for high performance
capacitors. The POSCAP solid electrolytic chip capacitor
available from Sanyo is an excellent choice for output bulk
capacitors due to its low ESR/size ratio. Once the ESR
requirement for COUT has been met, the RMS current
rating generally far exceeds the IRIPPLE(P-P) requirement.
When using tantalum capacitors, it is critical that they are
surge tested for use in switching power supplies. A good
choice is the AVX TPS series of surface mount tantalum,
available in case heights ranging from 2mm to 4mm. Other
capacitor types include KEMET T510 and T495 series and
Sprague 593D and 595D series. Consult the manufacturer
for other specific recommendations.
Output Voltage Programming
The output voltage is set by a resistive divider according
to the following formula:
VV
R
R
OUT =+


08
1
2
1
.
(2)
The external resistive divider is connected to the output,
allowing remote voltage sensing as shown in Figure 3.
external and internal oscillators. This type of phase detec-
tor will not lock up on input frequencies close to the har-
monics of the VCO center frequency. The PLL hold-in range
∆fH is equal to the capture range, ∆fH = ∆fC = 300kHz and
–400kHz.
The output of the phase detector is a pair of complemen-
tary current sources charging or discharging the external
filter network on the PLL LPF pin. The relationship
between the voltage on the PLL LPF pin and operating
frequency is shown in Figure 4. A simplified block diagram
is shown in Figure 5.
APPLICATIO S I FOR ATIO
VFB
GND
LTC3404
0.8V
≤ VOUT ≤ 6V
R2
R1
3404 F03
Figure 3. Setting the LTC3404 Output Voltage
Phase-Locked Loop and Frequency Synchronization
The LTC3404 has an internal voltage-controlled oscillator
and phase detector comprising a phase-locked loop. This
allows the top MOSFET turn-on to be locked to the rising
edge of an external frequency source. The frequency range
of the voltage-controlled oscillator is 1MHz to 1.7MHz. The
phase detector used is an edge sensitive digital type that
provides zero degrees phase shift between the
Figure 5. Phase-Locked Loop Block Diagram
SYNC/
MODE
PHASE
DETECTOR
DIGITAL
PHASE/
FREQUENCY
DETECTOR
2.4V
RLP
CLP
VCO
3404 F05
PLL LPF
Figure 4. Relationship Between Oscillator
Frequency and Voltage at PLL LPF Pin
If the external frequency (VSYNC/MODE) is greater than
1.4MHz, the center frequency, current is sourced
continuously, pulling up the PLL LPF pin. When the
external frequency is less than 1.4MHz, current is sunk
continuously, pulling down the PLL LPF pin. If the
VPPL LPF (V)
0.4
1.6
3404 • F04
0.8
1.2
2.0
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.6
1.0
1.4
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com