Electronic Components Datasheet Search
  English  ▼

X  

MR4010 Datasheet(PDF) 9 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4010
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4010 Datasheet(HTML) 9 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4010 Datasheet HTML 5Page - Shindengen Electric Mfg.Co.Ltd MR4010 Datasheet HTML 6Page - Shindengen Electric Mfg.Co.Ltd MR4010 Datasheet HTML 7Page - Shindengen Electric Mfg.Co.Ltd MR4010 Datasheet HTML 8Page - Shindengen Electric Mfg.Co.Ltd MR4010 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MR4010 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MR4010 Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MR4010 Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MR4010 Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 9 -
3.4 Standby mode control (patent pending)
The MR4000 Series is capable of switching between
two methods of output voltage control, normal
operation mode and standby mode, in a single power
supply. This IC uses the burst method for standby
mode. Intermittent operation is performed under light
loads to reduce the oscillation frequency and reduce
switching losses. The burst method effectively
reduces the standby input voltage under micro-loads.
This IC uses a burst mode that performs intermittent
operation without stopping IC control, thereby
minimizing the output ripple. The Z/C pin is clamped
to a voltage of VZ/C(burst) or less by an external signal
to switch to standby mode control. To exit standby
mode— i.e., to return to normal mode— the clamp of the
Z/C pin voltage is released, and the VZ/C(burst) or
higher voltage is applied to the pin.
In normal operation, the ON range of the main switching
device is linearly controlled by voltage variations at the
F/B pin. In standby mode, the current detection
threshold of the Source/OCL (Emitter/OCL) pin switches
from Vth(OCL) for normal mode to Vth(burst OCL) for standby
mode, and the drain (collector) current is limited.
The peak value of the drain (collector) current is set
by the current detection threshold, and the burst
mode is selected.
In standby mode, oscillation occurs when the voltage
at the F/B pin is VF/B(burst start) or higher. Oscillation
stops when this voltage is VF/B(burst stop) or lower.
Since the output voltage control in standby mode sets the peak value of the drain (collector) current for each oscillation
cycle, the duty ratio of the oscillating and non-oscillating intervals varies to ensure a constant voltage.
Fig. 3.5 Standby mode control
Fig. 3.6 Standby mode control sequence
Fig. 3.7 Standby signal receiving sequence
3. Operating principles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com