Electronic Components Datasheet Search
  English  ▼

X  

MR4010 Datasheet(PDF) 13 Page - Shindengen Electric Mfg.Co.Ltd

Part # MR4010
Description  Partial Resonance Power Supply ICModule
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

MR4010 Datasheet(HTML) 13 Page - Shindengen Electric Mfg.Co.Ltd

Back Button MR4010 Datasheet HTML 9Page - Shindengen Electric Mfg.Co.Ltd MR4010 Datasheet HTML 10Page - Shindengen Electric Mfg.Co.Ltd MR4010 Datasheet HTML 11Page - Shindengen Electric Mfg.Co.Ltd MR4010 Datasheet HTML 12Page - Shindengen Electric Mfg.Co.Ltd MR4010 Datasheet HTML 13Page - Shindengen Electric Mfg.Co.Ltd MR4010 Datasheet HTML 14Page - Shindengen Electric Mfg.Co.Ltd MR4010 Datasheet HTML 15Page - Shindengen Electric Mfg.Co.Ltd MR4010 Datasheet HTML 16Page - Shindengen Electric Mfg.Co.Ltd MR4010 Datasheet HTML 17Page - Shindengen Electric Mfg.Co.Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Shindengen Electric MFG.CO.,LTD
- 13 -
This design procedure provides an example of an electrical design procedure. Confirm that insulation materials,
insulation configurations, and structures meet the safety standards specified by the relevant authorities.
4.1 Design flow chart
Selecting primary circuit
components
Main transformer design
Specifications determined
Cooling design
Trial manufacture
Operational checks
Completion
No
problems
Problem
found
Refer to:
[4.2 Reference conditions for main transformer design]
Refer to:
[4.3 Reference formulas for main transformer design]
P.13
P.14
Refer to: [4.6 Cooling design]
P.18
Refer to:
[4.4 Selecting constants for peripheral components]
Refer to: [4.5 Selecting constants for droop circuit]
P.16
P.17
4.2 Reference conditions for main transformer design
The values given below are provided for reference only. They should be adjusted to suit specific load conditions.
Reference value
Symbol
Unit
MR45XX
Series
MR47XX
Series
MR40XX
Series
Minimum input voltage
VAC(min)
V
―
Rated output voltage
Vo
V
―
Rated output current
Io
A
―
Maximum output current
Io(max)
A
―
Efficiency
η
0.80 - 0.85
Minimum oscillation frequency
f(min)
kHz
30k -
50kHz
25k -
40kHz
25k -
50kHz
ON duty ratio
D
0.40~0.55
0.28~0.55
0.50~0.70
Control coil voltage
VNC
V
15 - 17V
Effective cross-sectional area of transformer core
Ae
mm
2
―
Magnetic flux density variation
ΔB
mT
250 - 320mT
Coil current density
α
A/mm
2
4 - 6A/mm
2
4. Design procedure
MR4000 Series
Application Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com