Electronic Components Datasheet Search
  English  ▼

X  

FM05VB Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # FM05VB
Description  Small Package ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FM05VB Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  FM05VB Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FM05VB Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FM05VB Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FM05VB Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FM05VB Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Parameter
Symbol
Condition
min
max
Units
Reverse Stand-off Voltage
VRWM
Pin 2-1/Pin 1-2
5
V
Reverse Breakdown Voltage
VBR
IZ=1mA Pin 1-2/pin 2-1
6.0
9.0
V
Reverse Leakage Current
IR(max)
@VRWM
2
uA
Forward Voltage
VF(max)
IF=15mA
1.15
V
Clamping Voltage
VC
IPP=1A tp=8/20us
15
V
Peak Pulse Current
IPP
tp=8/20us
3
A
Junction Capacitance
C I/O
Pin capacitance to
GND.Vdc=0V,f=1MHZ
15
pf
E1509F2A-STD-FW-036
Futurewafer Technology co., Ltd.,
Small Package ESD Protection
FMESD05C
Electrical Characteristics



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com