Electronic Components Datasheet Search
  English  ▼

X  

FM05VB Datasheet(PDF) 1 Page - FutureWafer Tech Co.,Ltd

Part # FM05VB
Description  Small Package ESD Protection
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FM05VB Datasheet(HTML) 1 Page - FutureWafer Tech Co.,Ltd

  FM05VB Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FM05VB Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FM05VB Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FM05VB Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd FM05VB Datasheet HTML 5Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
FMESD05C
Small Package ESD Protection
Feature
●
With TVS Diode
●
ESD Protection:Level 4
●
Low clamping voltage
●
75Watts peak pulse power per line(tp=8/20uS)
●
Ultra low capacitance:20pf max.(any I/O to GND.)
●
Protection one line I/O port
DFN1006-2L
IEC Compatibility
●
EN61000-4
●
61000-4-2(ESD):LEVEL 4,Air:8kv,contact:15kv
●
61000-4-4(EFT):40A-5/50ns
●
61000-4-5(Surge):3A-8/20us
Mechanical Characteristics
●
Molded JEDEC DFN1006 package
●
Packging:Tape and Reel
●
Flammability rating UL 94V-0
●
Halgen Free
Device Characteristics
Maximum Ratings@25 unless otherwise specified
Parameter
Symbol
Value
Units
Peak pulse power (tp=8/20us)
PPP
75
Watts
Operating Temperature
TJ
-55~150
°
C
Storage Temperature
TSTG
-65~150
°
C
E1509F2A-STD-FW-036
Futurewafer Technology co., Ltd.,
Applications
●
Lan equipment
●
Video
●
DVI
●
High Speed Data Line
●
Ethernet
●
USB 2.0 Power and Data line
Protection


Similar Part No. - FM05VB

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FM05VB FUTUREWAFER-FM05VB Datasheet
560Kb / 5P
Small Package ESD Protection
More results

Similar Description - FM05VB

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
FESD05HD-40PF FUTUREWAFER-FESD05HD-40PF Datasheet
767Kb / 4P
High Power Small Package ESD Protection
FESD12U-50PF FUTUREWAFER-FESD12U-50PF Datasheet
596Kb / 5P
Small Package ESD Protection
FM3V3BD-15PF FUTUREWAFER-FM3V3BD-15PF Datasheet
603Kb / 4P
Small Package ESD Protection
FM3V3UD-300PF FUTUREWAFER-FM3V3UD-300PF Datasheet
489Kb / 5P
Small Package ESD Protection
FMESD05C-15PF FUTUREWAFER-FMESD05C-15PF Datasheet
650Kb / 5P
Small Package ESD Protection
FMESD12C-20PF FUTUREWAFER-FMESD12C-20PF Datasheet
560Kb / 5P
Small Package ESD Protection
FESD12U FUTUREWAFER-FESD12U Datasheet
596Kb / 5P
Small Package ESD Protection
FM3V3BD FUTUREWAFER-FM3V3BD Datasheet
603Kb / 4P
Small Package ESD Protection
FMESD12C FUTUREWAFER-FMESD12C Datasheet
560Kb / 5P
Small Package ESD Protection
FSD0325D FUTUREWAFER-FSD0325D Datasheet
1Mb / 7P
Extra Small Package ESD Protection Device
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com