Electronic Components Datasheet Search
  English  ▼

X  

FSD03C Datasheet(PDF) 2 Page - FutureWafer Tech Co.,Ltd

Part # FSD03C
Description  Single Line TVS for ESD Protection Device in Portable Electronics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FSD03C Datasheet(HTML) 2 Page - FutureWafer Tech Co.,Ltd

  FSD03C Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FSD03C Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FSD03C Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FSD03C Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electronical characteristics per line @25 unless otherwise specified
Part No.
Rated
Stand-off
Voltage
VRWM
(Volts)
Minimum
Breakdown
Voltage
@1mA
V(BR)
(
Volts)
Maximum
Clamping
Voltage
@IPP=1A
VC
(Volts)
Peak
Pulse
Current
@8/20us
IPP
(A)
Maximum
Leakage
Current
@VRWM
IR
(µA)
Maximum
Capacitance
@0V,1MHZ
C
(ρF)
FSD03C
FSD05C
FSD12C
FSD15C
FSD24C
3.3
5.0
12.0
15.0
24.0
5.2
6.0
13.3
16.7
26.7
6.9
9.8
19.0
24.0
42.0
28
24
15
12
8
15
10
1
1
1
300
200
100
75
50
Electrical Characteristics
Rating and characteristic curve
E1508E1D-STD-FW-001
FSD03C through FSD24C
Futurewafer Tech Co., Ltd
Single Line TVS for ESD Protection Device in Portable Electronics



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com