Electronic Components Datasheet Search
  English  ▼

X  

FSD03C Datasheet(PDF) 4 Page - FutureWafer Tech Co.,Ltd

Part # FSD03C
Description  Single Line TVS for ESD Protection Device in Portable Electronics
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUTUREWAFER [FutureWafer Tech Co.,Ltd]
Direct Link  http://futurewafer.com.tw/
Logo FUTUREWAFER - FutureWafer Tech Co.,Ltd

FSD03C Datasheet(HTML) 4 Page - FutureWafer Tech Co.,Ltd

  FSD03C Datasheet HTML 1Page - FutureWafer Tech Co.,Ltd FSD03C Datasheet HTML 2Page - FutureWafer Tech Co.,Ltd FSD03C Datasheet HTML 3Page - FutureWafer Tech Co.,Ltd FSD03C Datasheet HTML 4Page - FutureWafer Tech Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
E1508E1D-STD-FW-001
Ordering information
Marking code
Part No.
Package
Shipping
Marking
Reel Size
FSD03C
SOD-323
3,000/ Tape@Reel
2A
7”
FSD05C
SOD-323
3,000/ Tape@Reel
2B
7”
FSD12C
SOD-323
3,000/ Tape@Reel
2D
7”
FSD15C
SOD-323
3,000/ Tape@Reel
2J
7”
FSD24C
SOD-323
3,000/ Tape@Reel
2H
7”
Single Line TVS for ESD Protection Device in Portable Electronics
FSD03C through FSD24C
Futurewafer Tech Co., Ltd
Futurewafer Technology Co., Ltd 台灣未來芯航電股份有限公司
Tel :+886-3-3573583/Tel :+886-3-3574065
Futurewafer.com.tw
桃園市桃園區中正路
987 巷 50 弄 2 號



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com