Electronic Components Datasheet Search
  English  ▼

X  

54AC258DMQB Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC258DMQB
Description  Quad 2 Input Multiplexer With TRI - STATE Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC258DMQB Datasheet(HTML) 5 Page - National Semiconductor (TI)

  54AC258DMQB Datasheet HTML 1Page - National Semiconductor (TI) 54AC258DMQB Datasheet HTML 2Page - National Semiconductor (TI) 54AC258DMQB Datasheet HTML 3Page - National Semiconductor (TI) 54AC258DMQB Datasheet HTML 4Page - National Semiconductor (TI) 54AC258DMQB Datasheet HTML 5Page - National Semiconductor (TI) 54AC258DMQB Datasheet HTML 6Page - National Semiconductor (TI) 54AC258DMQB Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MN54AC258-X REV 1B0
MICROCIRCUIT DATA SHEET
Electrical Characteristics
DC PARAMETERS(Continued)
(The following conditions apply to all the following parameters, unless otherwise specified.)
DC:
VCC 3.0V to 5.5V, Temperature Range: -55C to 125C.
NOTE: -55C TEMPERATURE, SUBGROUP 3 IS GUARANTEED
BUT NOT TESTED.
SYMBOL
PARAMETER
CONDITIONS
NOTES
PIN-
NAME
MIN
MAX
UNIT
SUB-
GROUPS
IOZH
Maximum TRI-STATE
Leakage Current
High
VCC=3.0V, VM=3.0V, VINL=0.0V, VIH=2.1V
1, 2 OUTPUTS
0.25
uA
1
1, 2 OUTPUTS
5.00
uA
2, 3
VCC=4.5V, VM=4.5V, VINL=0.0V,
VIH=3.15V
1, 2 OUTPUTS
0.25
uA
1
1, 2 OUTPUTS
5.00
uA
2, 3
VCC=5.5V, VM=5.5V, VINL=0.0V,
VIH=3.85V
1, 2 OUTPUTS
0.25
uA
1
1, 2 OUTPUTS
5.00
uA
2, 3
IOZL
Maximum TRI-STATE
Leakage Current
Low
VCC=3.0V, VM=0.0V, VINH=3.0V, VIH=2.1V
1, 2 OUTPUTS
-0.25
uA
1
1, 2 OUTPUTS
-5.00
uA
2, 3
VCC=4.5V, VM=0.0V, VINH=4.5V,
VIH=3.15V
1, 2 OUTPUTS
-0.25
uA
1
1, 2 OUTPUTS
-5.00
uA
2, 3
VCC=5.5V, VM=0.0V, VINH=5.5V,
VIH=3.85V
1, 2 OUTPUTS
-0.25
uA
1
1, 2 OUTPUTS
-5.00
uA
2, 3
ICCH
Supply Current
Outputs HIGH
VCC=5.5V, VINH=5.5V, VINL=0.0V
1, 2 VCC
4.0
uA
1
1, 2 VCC
80
uA
2, 3
ICCL
Supply Current
Outputs LOW
VCC=5.5V, VINL=0.0V
1, 2 VCC
4.0
uA
1
1, 2 VCC
80
uA
2, 3
ICCZ
Supply Current
Outputs Tri-State
VCC=5.5V, VINH=5.5V, VINL=0.0V
1, 2 VCC
4.0
uA
1
1, 2 VCC
80
uA
2, 3
AC PARAMETERS
(The following conditions apply to all the following parameters, unless otherwise specified.)
AC:
CL=50pf, RL=500 OHMS, TRISE=3.0ns, TFALL=3.0ns, Temp Range: -55C to 125C.
NOTE: -55C TEMPERATURE,
SUBGROUP 11 IS GUARANTEED BUT NOT TESTED.
tpLH(1)
Propagation Delay
VCC=4.5V
3,
4, 6
Sn to
Zn
1.5
9.50
ns
9
3,
4, 6
Sn to
Zn
1.5
11.5
ns
10, 11
tpHL(1)
Propagation Delay
VCC=4.5V
3,
4, 6
Sn to
Zn
1.5
9.00
ns
9
3,
4, 6
Sn to
Zn
1.5
10.5
ns
10, 11
5



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com