Electronic Components Datasheet Search
  English  ▼

X  

54AC258DMQB Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54AC258DMQB
Description  Quad 2 Input Multiplexer With TRI - STATE Outputs
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54AC258DMQB Datasheet(HTML) 1 Page - National Semiconductor (TI)

  54AC258DMQB Datasheet HTML 1Page - National Semiconductor (TI) 54AC258DMQB Datasheet HTML 2Page - National Semiconductor (TI) 54AC258DMQB Datasheet HTML 3Page - National Semiconductor (TI) 54AC258DMQB Datasheet HTML 4Page - National Semiconductor (TI) 54AC258DMQB Datasheet HTML 5Page - National Semiconductor (TI) 54AC258DMQB Datasheet HTML 6Page - National Semiconductor (TI) 54AC258DMQB Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Original Creation Date: 07/01/96
Last Update Date: 03/31/97
Last Major Revision Date: 07/01/96
MN54AC258-X REV 1B0
MICROCIRCUIT DATA SHEET
Quad 2 Input Multiplexer With TRI - STATE Outputs
General Description
The AC258 is a quad 2-input multiplexer with 3-state outputs.
Four bits of data from two
sources can be selected using a Common Data Select Input.
The four outputs present the
selected data in the complement (inverted) form. The outputs may be switched to a high
impedance state with a logic HIGH on the common Output Enable (OE) input, allowing the
outputs to interface directly with bus-oriented systems.
NS Part Numbers
54AC258DMQB
54AC258FMQB
54AC258LMQB
Industry Part Number
54AC258
Prime Die
Z258
Processing
MIL-STD-883, Method 5004
Quality Conformance Inspection
MIL-STD-883, Method 5005
Subgrp Description
Temp ( C)
o
1
Static tests at
+25
2
Static tests at
+125
3
Static tests at
-55
4
Dynamic tests at
+25
5
Dynamic tests at
+125
6
Dynamic tests at
-55
7
Functional tests at
+25
8A
Functional tests at
+125
8B
Functional tests at
-55
9
Switching tests at
+25
10
Switching tests at
+125
11
Switching tests at
-55
1


Similar Part No. - 54AC258DMQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC258D NSC-54AC258D Datasheet
143Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
More results

Similar Description - 54AC258DMQB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC257 NSC-54AC257 Datasheet
120Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
54AC258 NSC-54AC258 Datasheet
143Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
54F257ADM NSC-54F257ADM Datasheet
157Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
54F258ADM NSC-54F258ADM Datasheet
159Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
MN54AC251-X NSC-MN54AC251-X Datasheet
33Kb / 7P
8-Input Multiplexer With TRI-STATE Outputs
logo
Texas Instruments
CD74AC257 TI-CD74AC257 Datasheet
287Kb / 8P
Quad 2-Input Multiplexer with Three-State Outputs
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
54F258A TI1-54F258A Datasheet
409Kb / 10P
54F258A 74F258A Quad 2-Input Multiplexer with TRI-STATE(RM) Outputs
54AC257 TI1-54AC257 Datasheet
128Kb / 8P
Quad 2-Input Multiplexer with TRI-STATE Outputs
54AC258 TI1-54AC258 Datasheet
188Kb / 10P
Quad 2-Input Multiplexer with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com