Electronic Components Datasheet Search
  English  ▼

X  

AD7720 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7720
Description  CMOS Sigma-Delta Modulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7720 Datasheet(HTML) 5 Page - Analog Devices

  AD7720 Datasheet HTML 1Page - Analog Devices AD7720 Datasheet HTML 2Page - Analog Devices AD7720 Datasheet HTML 3Page - Analog Devices AD7720 Datasheet HTML 4Page - Analog Devices AD7720 Datasheet HTML 5Page - Analog Devices AD7720 Datasheet HTML 6Page - Analog Devices AD7720 Datasheet HTML 7Page - Analog Devices AD7720 Datasheet HTML 8Page - Analog Devices AD7720 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AD7720
–4–
REV. 0
TIMING CHARACTERISTICS (AVDD = +5 V 5%; DVDD = +5 V 5%; AGND = DGND = 0 V, REF2= +2.5 V unless otherwise noted)
Limit at TMIN, TMAX
Parameter
(B Version)
Units
Conditions/Comments
fMCLK
100
kHz min
Master Clock Frequency
15
MHz max
12.5 MHz for Specified Performance
t1
67
ns min
Master Clock Period
t2
0.45
× t
MCLK
ns min
Master Clock Input High Time
t3
0.45
× t
MCLK
ns min
Master Clock Input Low Time
t4
15
ns min
Data Hold Time After SCLK Rising Edge
t5
10
ns min
RESET Pulsewidth
t6
10
ns min
RESET Low Time Before MCLK Rising
t7
20
× t
MCLK
ns max
DVAL High Delay after RESET Low
NOTE
Guaranteed by design.
IOL
1.6mA
IOH
200 A
+1.6V
CL
50pF
TO
OUTPUT
PIN
Figure 2. Load Circuit for Access Time and Bus Relinquish Time
SCLK (O)
DATA (O)
t1
t2
t3
t4
NOTE:
O SIGNIFIES AN OUTPUT
Figure 3. Data Timing
t5
MCLK (I)
RESET (I)
DVAL (O)
t6
t7
NOTE:
I SIGNIFIES AN INPUT
O SIGNIFIES AN OUTPUT
Figure 4. RESET Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com