Electronic Components Datasheet Search
  English  ▼

X  

AD7720 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7720
Description  CMOS Sigma-Delta Modulator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7720 Datasheet(HTML) 1 Page - Analog Devices

  AD7720 Datasheet HTML 1Page - Analog Devices AD7720 Datasheet HTML 2Page - Analog Devices AD7720 Datasheet HTML 3Page - Analog Devices AD7720 Datasheet HTML 4Page - Analog Devices AD7720 Datasheet HTML 5Page - Analog Devices AD7720 Datasheet HTML 6Page - Analog Devices AD7720 Datasheet HTML 7Page - Analog Devices AD7720 Datasheet HTML 8Page - Analog Devices AD7720 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7720
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1997
CMOS Sigma-Delta Modulator
FUNCTIONAL BLOCK DIAGRAM
FEATURES
12.5 MHz Master Clock Frequency
0 V to +2.5 V or
1.25 V Input Range
Single Bit Output Stream
90 dB Dynamic Range
Power Supplies: AVDD, DVDD: +5 V
5%
On-Chip 2.5 V Voltage Reference
28-Lead TSSOP
GENERAL DESCRIPTION
This device is a 7th order sigma-delta modulator that converts
the analog input signal into a high speed 1-bit data stream. The
part operates from a +5 V supply and accepts a differential input
range of 0 V to +2.5 V or
±1.25 V centered about a common-
mode bias. The analog input is continuously sampled by the
analog modulator, eliminating the need for external sample and
hold circuitry. The input information is contained in the output
stream as a density of ones. The original information can be
reconstructed with an appropriate digital filter.
The part provides an accurate on-chip 2.5 V reference. A refer-
ence input/output function is provided to allow either the inter-
nal reference or an external system reference to be used as the
reference source for the part.
The device is offered in a 28-lead TSSOP package and designed
to operate from –40
°C to +85°C.
2.5V
REFERENCE
SIGMA-DELTA
MODULATOR
CLOCK
CIRCUITRY
CONTROL
LOGIC
AVDD
AGND
DVDD
DGND
REF1
REF2
DATA
SCLK
XTAL1/MCLK
XTAL2
DVAL
RESETO
RESET
VIN(+)
VIN(–)
MZERO
GC
BIP
STBY
AD7720


Similar Part No. - AD7720

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7720 AD-AD7720 Datasheet
232Kb / 16P
CMOS Sigma-Delta Modulator
REV.0
AD7720BRU AD-AD7720BRU Datasheet
232Kb / 16P
CMOS Sigma-Delta Modulator
REV.0
AD7720 AD-AD7720_15 Datasheet
236Kb / 16P
CMOS Sigma-Delta Modulator
REV. 0
More results

Similar Description - AD7720

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7720 AD-AD7720 Datasheet
232Kb / 16P
CMOS Sigma-Delta Modulator
REV.0
AD7400 AD-AD7400 Datasheet
951Kb / 10P
Isolated Sigma-Delta Modulator
AD7401 AD-AD7401 Datasheet
462Kb / 20P
Isolated Sigma-Delta Modulator
3/06-Revision 0
AD7400 AD-AD7400_06 Datasheet
444Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7401_0612 AD-AD7401_0612 Datasheet
460Kb / 20P
Isolated Sigma-Delta Modulator
12/06-Rev. 0 to Rev. A
AD7400 AD-AD7400_15 Datasheet
378Kb / 20P
Isolated Sigma-Delta Modulator
Rev. G
AD7401 AD-AD7401_15 Datasheet
347Kb / 20P
Isolated Sigma-Delta Modulator
REV. D
AD7720 AD-AD7720_15 Datasheet
236Kb / 16P
CMOS Sigma-Delta Modulator
REV. 0
AD7401A AD-AD7401A_V01 Datasheet
551Kb / 20P
Isolated Sigma-Delta Modulator
Rev. D
AD7401 AD-AD7401_V01 Datasheet
422Kb / 18P
Isolated Sigma-Delta Modulator
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com