Electronic Components Datasheet Search
  English  ▼

X  

AD6640 Datasheet(PDF) 9 Page - Analog Devices

Part # AD6640
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD6640 Datasheet HTML 5Page - Analog Devices AD6640 Datasheet HTML 6Page - Analog Devices AD6640 Datasheet HTML 7Page - Analog Devices AD6640 Datasheet HTML 8Page - Analog Devices AD6640 Datasheet HTML 9Page - Analog Devices AD6640 Datasheet HTML 10Page - Analog Devices AD6640 Datasheet HTML 11Page - Analog Devices AD6640 Datasheet HTML 12Page - Analog Devices AD6640 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
AD6640
–8–
REV. A
–Typical Performance Characteristics
FREQUENCY – MHz
0
60
100
dc
32.5
6.5
13.0
19.5
26.0
40
80
20
120
ENCODE = 65MSPS
AIN = 2.2MHz
4
8
9
5
37
6
2
TPC 1. Single Tone at 2.2 MHz
FREQUENCY – MHz
0
60
100
dc
32.5
6.5
13.0
19.5
26.0
40
80
20
120
ENCODE = 65MSPS
AIN = 15.5MHz
48
95
3
7
62
TPC 2. Single Tone at 15.5 MHz
FREQUENCY – MHz
0
60
100
dc
32.5
6.5
13.0
19.5
26.0
40
80
20
120
ENCODE = 65MSPS
AIN = 31.0MHz
48
95
3
7
6
2
TPC 3. Single Tone at 31.0 MHz
ANALOG INPUT FREQUENCY – MHz
070
7
14
21
28
35
42
49
56
63
81
79
78
77
80
T = +25 C
T = –40 C, +85 C
ENCODE = 65MSPS
TEMP = –40 C, +25 C, and +85 C
TPC 4. Harmonics vs. AIN
ANALOG INPUT FREQUENCY – MHz
070
7
14
21
28
35
42
49
56
63
69
67
66
65
68
ENCODE = 65MSPS
TEMP = –40 C, +25 C, and +85 C
T = +25 C
T = –40 C
T = +85 C
TPC 5. Noise vs. AIN
ENCODE = 65MSPS
ANALOG INPUT FREQUENCY – MHz
90
80
30
1
100
10
60
50
40
70
24
20
40
200 300
WORST OTHER SPUR
HARMONICS (SECOND, THIRD)
SNR
TPC 6. Harmonics, Noise vs. AIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com