Electronic Components Datasheet Search
  English  ▼

X  

AD6640 Datasheet(PDF) 19 Page - Analog Devices

Part # AD6640
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD6640 Datasheet HTML 15Page - Analog Devices AD6640 Datasheet HTML 16Page - Analog Devices AD6640 Datasheet HTML 17Page - Analog Devices AD6640 Datasheet HTML 18Page - Analog Devices AD6640 Datasheet HTML 19Page - Analog Devices AD6640 Datasheet HTML 20Page - Analog Devices AD6640 Datasheet HTML 21Page - Analog Devices AD6640 Datasheet HTML 22Page - Analog Devices AD6640 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
AD6640
–18–
REV. A
ADCs
VARIABLE
IF1
IF2
FIXED
NARROWBAND
FILTER
NARROWBAND
FILTER
I
Q
LNA
RF
e.g. 900MHz
SHARED
ONE RECEIVER PER CHANNEL
Figure 25. Narrowband Digital Receiver Architecture
If demodulation takes place in the analog domain, then tradi-
tional discriminators, envelop detectors, phase locked loops, or
other synchronous detectors are generally employed to strip the
modulation from the selected carrier.
However, as general-purpose DSP chips such as the ADSP-2181
become more popular, they will be used in many baseband-
sampled applications like the one shown in Figure 25. As shown
in the figure, prior to ADC conversion, the signal must be mixed
down and filtered, and the I and Q components separated. These
functions are realizable through DSP techniques; however, several
key technology breakthroughs are required: high dynamic range
ADCs such as the AD6640, new DSPs (highly programmable
with onboard memory, fast), digital tuners and filters such as the
AD6620, wide band mixers, and amplifiers.
WIDEBAND
ADC
FIXED
WIDEBAND
MIXER
WIDEBAND
FILTER
LNA
RF
e.g. 900MHz
SHARED
"n" CHANNELS
TO DSP
12.5MHz
(416 CHANNELS)
CHANNEL SELECTION
DIGITAL TUNER/FILTER
DSP
DIGITAL TUNER/FILTER
DSP
Figure 26. Wideband Digital Receiver Architecture
Figure 26 shows such a wideband system. This design shows that
the front-end variable local oscillator has been replaced with a
fixed oscillator and the back end has been replaced with a wide
dynamic range ADC, digital tuner, and DSP. This technique
offers many benefits. First, many passive discrete components
that formed the tuning and filtering functions have been elimi-
nated. These passive components often require tweaking and
special handling during assembly and final system alignment.
Digital components require no such adjustments; tuner and
filter characteristics are always exactly the same. Moreover, the
tuning and filtering characteristics can be changed through
software. Since software is used for demodulation, different
routines may be used to demodulate different standards such as
AM, FM, GMSK, or any other desired standard. In addition, as
new standards arise or new software revisions are generated, they
may be field installed with standard software update channels.
A radio that performs demodulation in software as opposed to
hardware is often referred to as a soft radio because it may be
changed or modified simply through code revision.
System Description
In the wideband digital radio (Figure 26), the first down conver-
sion functions in much the same way as a block converter does. An
entire band is shifted in frequency to the desired intermediate
frequency. In the case of cellular base station receivers, 5 MHz
to 30 MHz of bandwidth are down-converted simultaneously to
an IF frequency suitable for digitizing with a wideband analog-
to-digital converter. Once digitized the broadband digital data
stream contains all of the in-band signals. The remainder of the
radio is constructed digitally using special purpose and general
purpose programmable DSP to perform filtering, demodulation
and signal conditioning not unlike the analog counter parts.
In the narrowband receiver (Figure 25), the signal to be received
must be tuned. This is accomplished by using a variable local
oscillator at the first mix down stage. The first IF then uses a
narrow-band filter to reject out-of-band signals and condition
the selected carrier for signal demodulation.
In the digital wideband receiver (Figure 26), the variable local
oscillator has been replaced with a fixed oscillator, so tuning
must be accomplished in another manner. Tuning is performed
digitally using a digital-down conversion and filter chip fre-
quently called a channelizer. The term channelizer is used
because the purpose of these chips is to select one channel out
of many within the broadband spectrum present in the digital
data stream of the ADC.
DECIMATION
FILTER
LOW-PASS
FILTER
DIGITAL
TUNER
COS
SIN
DECIMATION
FILTER
LOW-PASS
FILTER
DATA
I
Q
Figure 27. AD6620 Digital Channelizer
Figure 27 shows the block diagram of a typical channelizer, such
as the AD6620. Channelizers consist of a complex NCO
(numerically controlled oscillator), dual multiplier (mixer), and
matched digital filters. These are the same functions that would
be required in an analog receiver, but implemented in digital
form. The digital output from the channelizer is the desired car-
rier, frequently in I & Q format; all other signals have been fil-
tered and removed based on the filtering characteristics desired.
Since the channelizer output consists of one selected RF channel,
one tuner chip is required for each frequency received, although
only one wideband RF receiver is needed for the entire band.
Data from the channelizer may then be processed using a digital
signal processor such as the ADSP-2181 or the SHARC
® proces-
sor, the ADSP-21062. This data may then be processed through
software to demodulate the information from the carrier.
System Requirements
Figure 28 shows a typical wideband receiver subsystem based
around the AD6640. This strip consists of a wideband IF filter,
amplifier, ADC, latches, channelizer, and interface to a digital
signal processor. This design shows a typical clocking scheme
used in many receiver designs. All timing within the system is
referenced back to a single clock. While this is not necessary, it
does facilitate PLL design, ease of manufacturing, system test,
and calibration. Keeping in mind that the overall performance
goal is to maintain the best possible dynamic range, many con-
siderations must be made.
One of the biggest challenges is selecting the amplifier used to
drive the AD6640. Since this is a communications application,
it is common to directly sample an intermediate frequency (IF)
signal. As such, IF gain blocks can be implemented instead of
baseband op amps. For these gain block amplifiers, the critical
specifications are third order intercept point and noise figure. A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com