Electronic Components Datasheet Search
  English  ▼

X  

PCX1331 Datasheet(PDF) 6 Page - World Produts Inc.

Part # PCX1331
Description  Supplied loose in box and taped on reel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCX1331 Datasheet(HTML) 6 Page - World Produts Inc.

  PCX1331 Datasheet HTML 1Page - World Produts Inc. PCX1331 Datasheet HTML 2Page - World Produts Inc. PCX1331 Datasheet HTML 3Page - World Produts Inc. PCX1331 Datasheet HTML 4Page - World Produts Inc. PCX1331 Datasheet HTML 5Page - World Produts Inc. PCX1331 Datasheet HTML 6Page - World Produts Inc. PCX1331 Datasheet HTML 7Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Pilkor components
EMI Suppression
PCX1 331
film capacitors
136
RATINGS AND CHARACTERISTICS
Unless otherwise specified all electrical values apply to an ambient temperature of
23±1℃, an atmospheric pressure of 86 to 106kPa and a relative humidity 50±2%.
For reference testing, a conditioning period shall be applied of 96±4 hours by heating
the products in a circulating air oven at the rated temperature and a relative humidity
not exceeding 20%.
Maximum RMS Voltage as a function of frequency
10
3
10
2
AC voltage
(V)
10
1
10
2
10
3
10
4
10
5
f(Hz)
AC voltage (RMS value) as a function of frequency at Tamb≤105℃
10
1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com