Electronic Components Datasheet Search
  English  ▼

X  

PCX1331 Datasheet(PDF) 1 Page - World Produts Inc.

Part # PCX1331
Description  Supplied loose in box and taped on reel
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WPI [World Produts Inc.]
Direct Link  http://www.worldproducts.com
Logo WPI - World Produts Inc.

PCX1331 Datasheet(HTML) 1 Page - World Produts Inc.

  PCX1331 Datasheet HTML 1Page - World Produts Inc. PCX1331 Datasheet HTML 2Page - World Produts Inc. PCX1331 Datasheet HTML 3Page - World Produts Inc. PCX1331 Datasheet HTML 4Page - World Produts Inc. PCX1331 Datasheet HTML 5Page - World Produts Inc. PCX1331 Datasheet HTML 6Page - World Produts Inc. PCX1331 Datasheet HTML 7Page - World Produts Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Pilkor components
EMI Suppression
PCX1 331
film capacitors
131
MKP RADIAL POTTED CAPACITORS
Pitch 15.0/22.5/27.5mm
QUICK REFERENCE DATA
Capacitance range (E6 series) *
Capacitance tolerance
Rated (AC) voltage 50 to 60 Hz
Climatic category
Temperature range
Reference IEC specification
Safety approvals
Potting & Encapsulation material
Safety class
0.01㎌ to 1.0㎌
±
10 %, ±20 %
440 V
~
55/105/21
-55℃ ~ +105℃
IEC 60384-14(3rd edition) and EN 60384-14
UL60384-14 & CSA E60384-14:09(cUL)
ENEC (SEMKO)
Qualified in accordance with UL 94V-0
X1
* Intermediate values of the E12 series are available to special order
FEATURES
. 15 to 27.5 mm lead pitch
. Supplied loose in box and
taped on reel
. Consist of a low-inductive wound
cell of Metallized Polypropylene
film, potted in a flame retardant case
APPLICATIONS
. For X1-electromagnetic interference suppression
. Specially designed to meet the NEW
REQUIREMENTS in new IEC 60384-14
specification(3rd edition)/EN 60384-14/UL60384-14
requiring for X1 a 4kV peak pulse voltage test
. Not for use in series with the mains
• Please refer to caution and warning at http://www.pilkor.co.kr/download/Introductions.pdf
before using these products.
15mm
22.5 and 27.5mm


Similar Part No. - PCX1331

ManufacturerPart #DatasheetDescription
logo
Alpha Electronics Corp.
PCX100D10 ALPHAELECTRONICS-PCX100D10 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PCX100D2 ALPHAELECTRONICS-PCX100D2 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PCX100F10 ALPHAELECTRONICS-PCX100F10 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PCX100F2 ALPHAELECTRONICS-PCX100F2 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
PCX100G10 ALPHAELECTRONICS-PCX100G10 Datasheet
256Kb / 2P
Ultra Precision Power Resistor (10 Watts)
Revision: 25-Apr-2016
More results

Similar Description - PCX1331

ManufacturerPart #DatasheetDescription
logo
CAMBION Electronic Comp...
709-2002 CAMBION-709-2002 Datasheet
34Kb / 2P
PLCC sockets, surface mount, supplied on tape and reel
logo
Japan Aviation Electron...
HB01S06K4P1 JAE-HB01S06K4P1 Datasheet
343Kb / 1P
THESE CONTACTS ARE SUPPLIED IN REEL.
HB01S06K4P2 JAE-HB01S06K4P2 Datasheet
347Kb / 1P
THESE CONTACTS ARE SUPPLIED IN REEL.
HB01S25H2P1 JAE-HB01S25H2P1 Datasheet
348Kb / 1P
THESE CONTACTS ARE SUPPLIED IN REEL.
HB01S25H3P1 JAE-HB01S25H3P1 Datasheet
345Kb / 1P
THESE CONTACTS ARE SUPPLIED IN REEL.
logo
Laird Tech Smart Techno...
CC2824D225R-10 LSTD-CC2824D225R-10 Datasheet
199Kb / 1P
TAPED AND REELED ON 13 REELS, 1500 PCS/REEL
CM2824E702R-10 LSTD-CM2824E702R-10 Datasheet
217Kb / 1P
TAPED AND REELED ON 13 REELS, 1500 PCS/REEL
logo
World Produts Inc.
PCMT468 WPI-PCMT468 Datasheet
284Kb / 13P
Supplied loose in box and ammopack
PCRC420 WPI-PCRC420 Datasheet
212Kb / 7P
Supplied loose in box and taped in ammopack
PCX2347 WPI-PCX2347 Datasheet
251Kb / 6P
Supplied loose in box and taped on reel
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com