Electronic Components Datasheet Search
  English  ▼

X  

DAC8741H Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8741H
Description  HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8741H Datasheet(HTML) 5 Page - Texas Instruments

  DAC8741H Datasheet HTML 1Page - Texas Instruments DAC8741H Datasheet HTML 2Page - Texas Instruments DAC8741H Datasheet HTML 3Page - Texas Instruments DAC8741H Datasheet HTML 4Page - Texas Instruments DAC8741H Datasheet HTML 5Page - Texas Instruments DAC8741H Datasheet HTML 6Page - Texas Instruments DAC8741H Datasheet HTML 7Page - Texas Instruments DAC8741H Datasheet HTML 8Page - Texas Instruments DAC8741H Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MIN
ALL AROUND
0.05 MAX
ALL AROUND
24X (0.24)
24X (0.6)
(
) TYP
VIA
0.2
20X (0.5)
(3.8)
(3.8)
(1.15)
TYP
(
2.8)
(R
)
ALL PAD CORNERS
0.05
4222437/A 12/2015
SYMM
VQFN - 1 mm max height
RGE0024F
PLASTIC QUAD FLATPACK - NO LEAD
1
6
7
12
13
18
19
24
SYMM
LAND PATTERN EXAMPLE
SCALE:18X
25
NOTES: (continued)
5. This package is designed to be soldered to a thermal pad on the board. For more information, see Texas Instruments literature
number SLUA271 (www.ti.com/lit/slua271).
6. Vias are optional depending on application, refer to device data sheet. If some or all are implemented, recommended via locations
are shown.
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
SOLDER MASK
DEFINED
METAL
SOLDER MASK
OPENING
NON SOLDER MASK
SOLDER MASK DETAILS
DEFINED
(PREFERRED)
5
DAC8740H, DAC8741H, DAC8742H
www.ti.com
SBAS862 – JUNE 2017
Product Folder Links: DAC8740H DAC8741H DAC8742H
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com