Electronic Components Datasheet Search
  English  ▼

X  

DAC8741H Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8741H
Description  HART and FOUNDATION Fieldbus / PROFIBUS PA Modems
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8741H Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC8741H Datasheet HTML 2Page - Texas Instruments DAC8741H Datasheet HTML 3Page - Texas Instruments DAC8741H Datasheet HTML 4Page - Texas Instruments DAC8741H Datasheet HTML 5Page - Texas Instruments DAC8741H Datasheet HTML 6Page - Texas Instruments DAC8741H Datasheet HTML 7Page - Texas Instruments DAC8741H Datasheet HTML 8Page - Texas Instruments DAC8741H Datasheet HTML 9Page - Texas Instruments DAC8741H Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.ti.com
EXAMPLE STENCIL DESIGN
24X (0.6)
24X (0.24)
20X (0.5)
(3.8)
(3.8)
4X (
1.23)
(0.715) TYP
(0.715) TYP
(R
) TYP
0.05
4222437/A 12/2015
VQFN - 1 mm max height
RGE0024F
PLASTIC QUAD FLATPACK - NO LEAD
NOTES: (continued)
7. Laser cutting apertures with trapezoidal walls and rounded corners may offer better paste release. IPC-7525 may have alternate
design recommendations.
25
SYMM
METAL
TYP
BASED ON 0.125 mm THICK STENCIL
SOLDER PASTE EXAMPLE
EXPOSED PAD 25:
77% PRINTED SOLDER COVERAGE BY AREA
SCALE:25X
SYMM
1
6
7
12
13
18
19
24
6
DAC8740H, DAC8741H, DAC8742H
SBAS862 – JUNE 2017
www.ti.com
Product Folder Links: DAC8740H DAC8741H DAC8742H
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com