Electronic Components Datasheet Search
  English  ▼

X  

MEGA128CAN Datasheet(PDF) 1 Page - ATMEL Corporation

Part # MEGA128CAN
Description  Microcontroller WITH 128K BYTES OF ISP FLASH AND CAN CONTROLLER
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MEGA128CAN Datasheet(HTML) 1 Page - ATMEL Corporation

  MEGA128CAN Datasheet HTML 1Page - ATMEL Corporation MEGA128CAN Datasheet HTML 2Page - ATMEL Corporation MEGA128CAN Datasheet HTML 3Page - ATMEL Corporation MEGA128CAN Datasheet HTML 4Page - ATMEL Corporation MEGA128CAN Datasheet HTML 5Page - ATMEL Corporation MEGA128CAN Datasheet HTML 6Page - ATMEL Corporation MEGA128CAN Datasheet HTML 7Page - ATMEL Corporation MEGA128CAN Datasheet HTML 8Page - ATMEL Corporation MEGA128CAN Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 413 page
background image
Rev. 4250E–CAN–12/04
1
Features
• High-performance, Low-power AVR® 8-bit Microcontroller
• Advanced RISC Architecture
– 133 Powerful Instructions – Most Single Clock Cycle Execution
– 32 x 8 General Purpose Working Registers + Peripheral Control Registers
– Fully Static Operation
– Up to 16 MIPS Throughput at 16 MHz
– On-chip 2-cycle Multiplier
• Non volatile Program and Data Memories
– 128K Bytes of In-System Reprogrammable Flash
Endurance: 10,000 Write/Erase Cycles
– Optional Boot Code Section with Independent Lock Bits
Selectable Boot Size: 1K Bytes, 2K Bytes, 4K Bytes or 8K Bytes
In-System Programming by On-Chip Boot Program (CAN, UART)
True Read-While-Write Operation
– 4K Bytes EEPROM (Endurance: 100,000 Write/Erase Cycles)
– 4K Bytes Internal SRAM
– Up to 64K Bytes Optional External Memory Space
– Programming Lock for Software Security
• JTAG (IEEE std. 1149.1 Compliant) Interface
– Boundary-scan Capabilities According to the JTAG Standard
– Programming Flash (Hardware ISP), EEPROM, Lock & Fuse Bits
– Extensive On-chip Debug Support
• CAN Controller 2.0A & 2.0B
– 15 Full Message Objects with Separate Identifier Tags and Masks
– Transmit, Receive, Automatic Reply and Frame Buffer Receive Modes
– 1Mbits/s Maximum Transfer Rate at 8 MHz
– Time stamping, TTC & Listening Mode (Spying or Autobaud)
• Peripheral Features
– Programmable Watchdog Timer with On-chip Oscillator
– 8-bit Synchronous Timer/Counter-0
10-bit Prescaler
External Event Counter
Output Compare or 8-bit PWM Output
– 8-bit Asynchronous Timer/Counter-2
10-bit Prescaler
External Event Counter
Output Compare or 8-Bit PWM Output
32Khz Oscillator for RTC Operation
– Dual 16-bit Synchronous Timer/Counters-1 & 3
10-bit Prescaler
Input Capture with Noise Canceler
External Event Counter
3-Output Compare or 16-Bit PWM Output
Output Compare Modulation
– 8-channel, 10-bit SAR ADC
8 Single-ended channels
7 Differential Channels
2 Differential Channels With Programmable Gain at 1x, 10x, or 200x
– On-chip Analog Comparator
– Byte-oriented Two-wire Serial Interface
– Dual Programmable Serial USART
– Master/Slave SPI Serial Interface
Programming Flash (Hardware ISP)
• Special Microcontroller Features
– Power-on Reset and Programmable Brown-out Detection
– Internal Calibrated RC Oscillator
– 8 External Interrupt Sources
– 5 Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down & Standby
– Software Selectable Clock Frequency
– Global Pull-up Disable
• I/O and Packages
– 53 Programmable I/O Lines
– 64-lead TQFP and 64-lead QFN
• Operating Voltages
– 2.7 - 5.5V
• Operating temperature
– Industrial (-40°C to +85°C)
• Maximum Frequency
– 8 MHz at 2.7V - Industrial range
– 16 MHz at 4.5V - Industrial range
8-bit
Microcontroller
with
128K Bytes of
ISP Flash
and
CAN Controller
AT90CAN128


Similar Part No. - MEGA128CAN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MEGA1280 ATMEL-MEGA1280 Datasheet
4Mb / 28P
Single cycle instructions
MEGA1281 ATMEL-MEGA1281 Datasheet
4Mb / 28P
Single cycle instructions
MEGA1284 ATMEL-MEGA1284 Datasheet
4Mb / 28P
Single cycle instructions
More results

Similar Description - MEGA128CAN

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90CAN128 ATMEL-AT90CAN128 Datasheet
461Kb / 15P
8-bit Microcontroller with 128K Bytes of ISP Flash and CAN Controller
AT90CAN32 ATMEL-AT90CAN32 Datasheet
518Kb / 16P
Microcontroller with 32/64k Bytes of ISP Flash and CAN Controller
AT90USB646 ATMEL-AT90USB646 Datasheet
3Mb / 434P
Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90CAN32 ATMEL-AT90CAN32_06 Datasheet
273Kb / 16P
Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
AT90USB646_0607 ATMEL-AT90USB646_0607 Datasheet
3Mb / 435P
8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646_08 Datasheet
1Mb / 30P
8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
ATMEGA32U6 ATMEL-ATMEGA32U6 Datasheet
4Mb / 459P
8-bit Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90USB646 ATMEL-AT90USB646_09 Datasheet
603Kb / 35P
Microcontroller with 64/128K Bytes of ISP Flash and USB Controller
AT90CAN128-15AZ ATMEL-AT90CAN128-15AZ Datasheet
5Mb / 431P
8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
466130 ATMEL-466130 Datasheet
489Kb / 36P
8-bit Microcontroller with 64/128K Bytes of ISP Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com