Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN128 Datasheet(PDF) 89 Page - ATMEL Corporation

Part # AT90CAN128
Description  Microcontroller WITH 128K BYTES OF ISP FLASH AND CAN CONTROLLER
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN128 Datasheet(HTML) 89 Page - ATMEL Corporation

Back Button AT90CAN128 Datasheet HTML 85Page - ATMEL Corporation AT90CAN128 Datasheet HTML 86Page - ATMEL Corporation AT90CAN128 Datasheet HTML 87Page - ATMEL Corporation AT90CAN128 Datasheet HTML 88Page - ATMEL Corporation AT90CAN128 Datasheet HTML 89Page - ATMEL Corporation AT90CAN128 Datasheet HTML 90Page - ATMEL Corporation AT90CAN128 Datasheet HTML 91Page - ATMEL Corporation AT90CAN128 Datasheet HTML 92Page - ATMEL Corporation AT90CAN128 Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 413 page
background image
89
AT90CAN128
4250E–CAN–12/04
Note:
1. n = 3, 2, 1or 0.
When changing the ISCn1/ISCn0 bits, the interrupt must be disabled by clearing its
Interrupt Enable bit in the EIMSK Register. Otherwise an interrupt can occur when
the bits are changed.
External Interrupt Control
Register B – EICRB
• Bits 7..0 – ISC71, ISC70 - ISC41, ISC40: External Interrupt 7 - 4 Sense Control
Bits
The External Interrupts 7 - 4 are activated by the external pins INT7:4 if the SREG I-flag
and the corresponding interrupt mask in the EIMSK is set. The level and edges on the
external pins that activate the interrupts are defined in Table 52. The value on the
INT7:4 pins are sampled before detecting edges. If edge or toggle interrupt is selected,
pulses that last longer than one clock period will generate an interrupt. Shorter pulses
are not guaranteed to generate an interrupt. Observe that CPU clock frequency can be
lower than the XTAL frequency if the XTAL divider is enabled. If low level interrupt is
selected, the low level must be held until the completion of the currently executing
instruction to generate an interrupt. If enabled, a level triggered interrupt will generate an
interrupt request as long as the pin is held low.
Note:
1. n = 7, 6, 5 or 4.
When changing the ISCn1/ISCn0 bits, the interrupt must be disabled by clearing its
Interrupt Enable bit in the EIMSK Register. Otherwise an interrupt can occur when
the bits are changed.
Table 50. Interrupt Sense Control
(1)
ISCn1
ISCn0
Description
0
0
The low level of INTn generates an interrupt request.
01
Reserved
1
0
The falling edge of INTn generates asynchronously an interrupt request.
1
1
The rising edge of INTn generates asynchronously an interrupt request.
Table 51. Asynchronous External Interrupt Characteristics
Symbol
Parameter
Condition
Min
Typ
Max
Units
tINT
Minimum pulse width for
asynchronous external interrupt
50
ns
Bit
765
432
10
ISC71
ISC70
ISC61
ISC60
ISC51
ISC50
ISC41
ISC40
EICRB
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
000
000
00
Table 52. Interrupt Sense Control
(1)
ISCn1
ISCn0
Description
0
0
The low level of INTn generates an interrupt request.
0
1
Any logical change on INTn generates an interrupt request
10
The falling edge between two samples of INTn generates an interrupt
request.
11
The rising edge between two samples of INTn generates an interrupt
request.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com