Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN128 Datasheet(PDF) 39 Page - ATMEL Corporation

Part # AT90CAN128
Description  Microcontroller WITH 128K BYTES OF ISP FLASH AND CAN CONTROLLER
PDF  413 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN128 Datasheet(HTML) 39 Page - ATMEL Corporation

Back Button AT90CAN128 Datasheet HTML 35Page - ATMEL Corporation AT90CAN128 Datasheet HTML 36Page - ATMEL Corporation AT90CAN128 Datasheet HTML 37Page - ATMEL Corporation AT90CAN128 Datasheet HTML 38Page - ATMEL Corporation AT90CAN128 Datasheet HTML 39Page - ATMEL Corporation AT90CAN128 Datasheet HTML 40Page - ATMEL Corporation AT90CAN128 Datasheet HTML 41Page - ATMEL Corporation AT90CAN128 Datasheet HTML 42Page - ATMEL Corporation AT90CAN128 Datasheet HTML 43Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 413 page
background image
39
AT90CAN128
4250E–CAN–12/04
When this Oscillator is selected, start-up times are determined by the SUT Fuses as
shown in Table 12.
Note:
1. The device is shipped with this option selected.
Oscillator Calibration Register
– OSCCAL
• Bit 7 – Reserved Bit
This bit is reserved for future use.
• Bits 6..0 – CAL6..0: Oscillator Calibration Value
Writing the calibration byte to this address will trim the internal Oscillator to remove pro-
cess variations from the Oscillator frequency. This is done automatically during Chip
Reset. When OSCCAL is zero, the lowest available frequency is chosen. Writing non-
zero values to this register will increase the frequency of the internal Oscillator. Writing
0x7F to the register gives the highest available frequency. The calibrated Oscillator is
used to time EEPROM and Flash access. If EEPROM or Flash is written, do not cali-
brate to more than 10% above the nominal frequency. Otherwise, the EEPROM or Flash
write may fail. Note that the Oscillator is intended for calibration to 8.0 MHz. Tuning to
other values is not guaranteed, as indicated in Table 13.
External Clock
To drive the device from an external clock source, XTAL1 should be driven as shown in
Figure 22. To run the device on an external clock, the CKSEL Fuses must be pro-
grammed to “0000”.
Table 12. Start-up times for the internal calibrated RC Oscillator clock selection
SUT1..0
Start-up Time from Power-
down and Power-save
Additional Delay from
Reset (V
CC = 5.0V)
Recommended Usage
00
6 CK
14CK
BOD enabled
01
6 CK
14CK + 4.1 ms
Fast rising power
10
(1)
6 CK
14CK + 65 ms
Slowly rising power
11
Reserved
Bit
765
432
10
–
CAL6
CAL5
CAL4
CAL3
CAL2
CAL1
CAL0
OSCCAL
Read/Write
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial Value
0
<----- ------
Device Specific Calibration Value
------ ----->
Table 13. Internal RC Oscillator Frequency Range.
OSCCAL Value
Min Frequency in Percentage of
Nominal Frequency
Max Frequency in Percentage of
Nominal Frequency
0x00
50%
100%
0x3F
75%
150%
0x7F
100%
200%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com