Electronic Components Datasheet Search
  English  ▼

X  

S2EB-12 Datasheet(PDF) 2 Page - Nais(Matsushita Electric Works)

Part # S2EB-12
Description  4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

S2EB-12 Datasheet(HTML) 2 Page - Nais(Matsushita Electric Works)

  S2EB-12 Datasheet HTML 1Page - Nais(Matsushita Electric Works) S2EB-12 Datasheet HTML 2Page - Nais(Matsushita Electric Works) S2EB-12 Datasheet HTML 3Page - Nais(Matsushita Electric Works) S2EB-12 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
S
220
Ex.
Contact arrangement
Classification of type
2: 2 Form A 2 Form B
3: 3 Form A 1 Form B
4: 4 Form A
EB: Amber sealed type
Operating function
Nil: Single side stable
L2: 2 coil latching
Coil voltage (DC)
3, 5, 6, 12, 24, 48 V
S
2
EB
L2
48V
(Notes) 1. Standard packing Carton: 50 pcs. Case: 500 pcs.
2. 1 coil latching also available as option. Contact our sales office for details.
3. UL/CSA approved type is standard.
TYPES AND COIL DATA at 20
°C 68°F
Single side stable
2 coil latching
Note: Insert 2, 3 or 4 in u for contact form reguired.
Type
Nominal
voltage,
V DC
Pick-up
voltage,
V DC (max.)
Drop-out
voltage,
V DC (min.)
Nominal
operating
current,
mA
Coil resistance,
Ω (±10%)
Inductance,
mH
Nominal
operating
power,
mW
Maximum
allowable
voltage,
V DC (40
°C)
SuEB-3V
3
2.1
0.3
66.7
45
23
200
5.5
SuEB-5V
5
3.5
0.5
38.5
130
65
192
9.0
SuEB-6V
6
4.2
0.6
33.3
180
93
200
11.0
SuEB-12V
12
8.4
1.2
16.7
720
370
200
22.0
SuEB-24V
24
16.8
2.4
8.4
2,850
1,427
202
44.0
SuEB-48V
48
33.6
4.8
5.6
8,500
3,410
271
75.0
Type
Nominal voltage,
V DC
Set and reset
voltage,
V DC (max.)
Nominal operating
current,
mA
Coil resistance,
Ω (±10%)
Inductance,
mH
Nominal
operating
power,
mW
Maximum
allowable
voltage,
V DC (40
°C)
Coil I
Coil II
Coil I
Coil II
SuEB-L2-3V
3
2.1
66.7
45
45
10
10
200
5.5
SuEB-L2-5V
5
3.5
38.5
130
130
31
31
192
9.0
SuEB-L2-6V
6
4.2
33.7
180
180
40
40
200
11.0
SuEB-L2-12V
12
8.4
16.7
720
720
170
170
200
22.0
SuEB-L2-24V
24
16.8
8.4
2,850
2,850
680
680
202
44.0
SuEB-L2-48V
48
33.6
7.4
6,500
6,500
1,250
1,250
355
65.0
DIMENSIONS
General tolerance:
±0.3 ±.012
PC board pattern (Copper-side view)
Tolerance:
±0.1 ±.003
10
±0.5
.394
±0.02
12
.472
7.62
.300
123456
12
11
10
9
8
7
3
.118
1
.039
4
.157
0.4
.016
1.4
.055
1.0
.039
5.08
.200
0.5
.020
0.5
.020
7.62
.300
28
±0.5
1.102
±0.02
12
.472
2.54
.100
2.54
.100
12-1.3 DIA.
.047-.051 DIA.
mm inch
Schematic (Bottom view)
Single side stable
Deenergized position
2a2b
3a1b
4a
123456
12
11
10
9
8
7
-
+
123456
12
11
10
9
8
7
-
+
123456
12
11
10
9
8
7
-
+
2 coil latching
Diagram shows the "reset"
position when terminals 6
and 7 are energized.
Energize terminals 1 and
12 to transfer contacts.
2a2b
3a1b
4a
123456
12
11
10
9
8
7
Set
Reset
-
+
-
+
-
Set
Reset
+
123456
12
11
10
9
8
7
-
+
-
Set
Reset
+
123456
12
11
10
9
8
7
-
+
ORDERING INFORMATION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com