Electronic Components Datasheet Search
  English  ▼

X  

S2EB-12 Datasheet(PDF) 3 Page - Nais(Matsushita Electric Works)

Part # S2EB-12
Description  4 AMP POLARIZED HIGH DENSITY RELAY WITH HIGH SENSITIVITY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NAIS [Nais(Matsushita Electric Works)]
Direct Link  
Logo NAIS - Nais(Matsushita Electric Works)

S2EB-12 Datasheet(HTML) 3 Page - Nais(Matsushita Electric Works)

  S2EB-12 Datasheet HTML 1Page - Nais(Matsushita Electric Works) S2EB-12 Datasheet HTML 2Page - Nais(Matsushita Electric Works) S2EB-12 Datasheet HTML 3Page - Nais(Matsushita Electric Works) S2EB-12 Datasheet HTML 4Page - Nais(Matsushita Electric Works)  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S
221
REFERENCE DATA
1. Maximum switching power
2. Life curve
3. Contact reliability
Condition: 1V DC, 1mA
Detection level 10
Ω
Tasted Sample: S4EB-24V, 10pcs
100
1,000
10
0.1
1
10
Contact current, A
DC resistive load
AC resistive load
1,000
500
100
50
30
10
01
2
3
45
Contact current, A
125 V AC
(cos
ϕ = 1.0)
250 V AC
(cos
ϕ = 1.0)
99.9
99.0
95.0
0.1
1.0
10.0
0.2
0.5
1.0
2.0
5.0
10.0
30.0
50.0
70.0
No. of operations,
×107
m = 1.6
µ: 79 million time
σ: 51 million time
95% reliability limit:
14.6 million times
(weibul probability paper)
4.-(1) Coil temperature rise
Tested Sample: S4EB-24V, 4 Form A
4.-(2) Coil temperature rise
Tested Sample: S4EB-24V, 4 Form A
5.-(1) Operate and release time
(Single side stable type)
Tested Sample: S4EB-24V, 10pcs
4A
0A
100
0.2
0.4
0.6
0.8
1.0
1.2
90
80
70
60
50
40
30
20
10
0
Coil operating power, W
100
1
2
3456
90
80
70
60
50
40
30
20
10
0
Coil operating
power, 0.2 W
Contact current, A
Min.
Max.
Min.
Max.
Min.
Max.
80
100
120
140
20
18
16
14
12
10
8
6
4
2
0
Coil applied voltage, %V
Release time (with diode)
Operate time
Release time
5.-(2) Operate time (2 coil latching type)
Tested Sample: S2EB-L2-12V
Min.
Min.
Max.
Max.
20
80
100
120
140
18
16
14
12
10
8
6
4
2
Coil applied voltage, %V
(with diode)
(without diode)
6. Influence of adjacent mounting
510
–30
0
+30
510
–30
0
+30
(1)
(2)
(3)
(1) & (3) relays
are energized
Single side stable
2 coil latching
Drop-out voltage
Pick-up voltage
Pick-up voltage
Inter-relay distance, mm
Inter-relay distance, mm
Note: When installing an S-relay near another, and there is no effect
from an external magnetic field, be sure to leave at least 10 mm
.394 inch between relays in order to acheive the performance
listed in the catalog.
7. Thermal electromotive force
200
2
4
6
8
10
12
100
Minute
NR-H
NF relay S relay
8. Effect from an external magnetic field
0
0
50
100
–30
+30
50
100
–30
+30
G
G
Pick-up voltage
Pick-up voltage
Drop-out voltage
Single side stable
2 coil latching
φ
50
100
–30
–30
0
+30
50
100
0
+30
G
G
Pick-up voltage
Pick-up voltage
Drop-out voltage
Single side stable
2 coil latching
φ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com