Electronic Components Datasheet Search
  English  ▼

X  

SC5272 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SC5272
Description  REMOTE CONTROL DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC5272 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button SC5272 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC5272 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC5272 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC5272 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC5272 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC5272 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC5272 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC5272 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC5272 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Silan
Semiconductors
SC5272
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
7
4.LATCH OR MOMENTARY DATA OUTPUT TYPE
The SC5272 uses either the latch or momentary data output type depending on the SC5272 version used. The
latch type SC5272-LXactivates the data out during transmission and this data is sustained in the memory until
another data is inputted or entered. A momentary type(SC5272-MXon the other hand, activates the data out only
during transmission. In the momentary type, the data does not remain in the memory after the transmission is
completed. Please refer to the diagram below:
Data Words
Data Words
Data Output X
Data Output Y
Data Output X
Data Output Y
Din
Data Pins
(Momentary)
Data Pins
(Latch)
VT
T
T
OPERATION FLOW CHART
Decoder Without Data Output Pin
1. When the power is turned on, the SC5272 activates the Stand-By Mode.
2. It then search for signals, If there is no signal received, it remains in the Stand-By Mode; otherwise, the address
bits received are compared with the address configuration of the pins.
3. The VT goes high signifying the validation of transmission only when there are two continuous frames that
contain matched address bit; otherwise, VT will not be activated and the Stand-By Mode remains active.
4. Then , the address bits are again checked. Two continuous mismatches of the address bits would disable the VT
and make the Stand-By Mode active; otherwise, the address bits are continuous checked.
Power ON
Stand-By Mode
Singal IN ?
Address bits
match?
Address bits
match?
Activate VT
Address bits
still match?
Address bits
still match?
Disable VT
Yes
Yes
No
No
No
Yes
Yes
No
Yes
No
Decoder Without Data Output Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com