Electronic Components Datasheet Search
  English  ▼

X  

SC5272 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SC5272
Description  REMOTE CONTROL DECODER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC5272 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SC5272 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC5272 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC5272 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC5272 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC5272 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC5272 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC5272 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC5272 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC5272 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Silan
Semiconductors
SC5272
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2000.12.31
2
PIN CONFIGURATION
1
A0
A1
A2
A3
A4
A5
A6
A7
Vss
NC
Vcc
VT
OSC1
OSC2
Din
D0
D1
A9
A8
NC
1
A0
A1
A2
A3
A4
A5
A6
A7
Vss
NC
Vcc
VT
OSC1
OSC2
Din
D0
D1
D2
D3
NC
1
A0
A1
A2
A3
A4
A5
D5
D4
Vss
NC
Vcc
VT
OSC1
OSC2
Din
D0
D1
D2
D3
NC
1
A0
A1
A2
A3
A4
A5
A6
A7
Vss
NC
Vcc
VT
OSC1
OSC2
Din
A11
A10
A9
A8
NC
1
A0
A1
A2
A3
A4
A5
A6
A7
Vss
NC
Vcc
VT
OSC1
OSC2
Din
D0
D1
D2
A8
NC
1
A0
A1
A2
A3
A4
A5
A6
D4
Vss
NC
Vcc
VT
OSC1
OSC2
Din
D0
D1
D2
D3
NC
18 Pin
Package
20 Pin
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com