Electronic Components Datasheet Search
  English  ▼

X  

SC9200 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SC9200
Description  DTMF GENERATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC9200 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SC9200 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC9200 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC9200 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC9200 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC9200 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC9200 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC9200 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC9200 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC9200 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Silan
Semiconductors
SC9200A/B
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2001.02.02
4
PIN DESCRIPTIONS
Pin
NO.
Pin
Name
I/O
Internal
Connection
Description
1
CE
I
CMOS IN Pull-high
Chip enable, active low
2X2
O
3X1
I
Oscillator
The system oscillator consists of an inverter, a bias resistor,
and the required load capacitor on chip. The oscillator function
can be implemented by Connect a standard 3.579545MHz
crystal to the X1 and X2 terminals.
4VSS
--
--
Negative power supply.
5
NC
--
--
No connection.
6~9
D0~D
3
I
CMOS IN Pull-high
or floating
Data inputs for the parallel mode.
When the IC is operating in the serial mode, the data input
terminals (D0~D3) are included with a pull-high resistor. When
the IC is operating in the parallel mode, these pins become
floating.
10
/P
S
ICMOS IN
Operation mode selection input
/P
S
=”H”: Parallel mode
/P
S
=”L”: Serial mode
11
CLK
I
CMOS IN Pull-high
or floating
Data synchronous clock input for the serial mode. When the IC
is operating in the parallel mode, the input terminal (CLK) is
included with a pull-high resistor. When the IC is operating in
the serial mode, this pin becomes floating.
12
DATA
I
CMOS IN Pull-high
or floating
Data input terminal for the serial mode. When the IC is
operating in the parallel mode, the input terminal (DATA) is
included with a pull-high resistor. When the IC is operating in
the serial mode, this pin becomes floating.
13
DTMF
O
CMOS OUT
Output terminal of the DTMF signal
14
VDD
--
--
Positive power supply, 2.0V~5.5V for normal operation



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com