Electronic Components Datasheet Search
  English  ▼

X  

SC9200 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC9200
Description  DTMF GENERATORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SC9200 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC9200 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC9200 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC9200 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC9200 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC9200 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC9200 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC9200 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC9200 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC9200 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Silan
Semiconductors
SC9200A/B
HANGZHOU SILAN MICROELECTRONICS JOINT-STOCK CO.,LTD
Rev: 1.0
2001.02.02
1
DTMF GENERATORS
DESCRIPTION
The SC9200A/B tone generators are designed for
µC interfaces.
They can be instructed by a
µC to generate 16 dual tones and 8
single tones from the DTMF pin. The SC9200A provides a serial
mode whereas the SC9200B contains a selectable serial/parallel
mode interface for various applications such as security systems,
home
automation,
remote
control
through
telephone
lines
communication system, etc.
FEATURES
* Operating voltage: 2.0V~5.5V
* Serial mode for the SC9200A
* Serial/parallel mode for the SC9200B
* Low standby current
* Low total harmonic distortion
* 3.58MHz crystal or ceramic resonator
DIP-8
SELECTION TABLE
Function
Part No.
Operating Voltage
OSC Frequency
Interface
Package
SC9200A
2V-5.5V
3.58MHz
Serial
8 DIP/SOP
SC9200B
2V-5.5V
3.58MHz
Serial/Parallel
14 DIP/SOP
PIN CONFIGURATIONS
1
2
3
4
5
6
7
8
VDD
DTMF
DATA
CLK
VSS
X1
X2
CE
14
13
12
11
10
9
7
8
VDD
DTMF
DATA
CLK
VSS
X1
X2
CE
1
2
3
4
5
6
NC
D0
D1
D3
D2
S/P


Similar Part No. - SC9200

ManufacturerPart #DatasheetDescription
logo
Silan Microelectronics ...
SC9200 SILAN-SC9200 Datasheet
194Kb / 9P
DTMF GENERATOR WITH MICROPROCESSOR
SC9200A SILAN-SC9200A Datasheet
194Kb / 9P
DTMF GENERATOR WITH MICROPROCESSOR
SC9200AS SILAN-SC9200AS Datasheet
194Kb / 9P
DTMF GENERATOR WITH MICROPROCESSOR
SC9200B SILAN-SC9200B Datasheet
194Kb / 9P
DTMF GENERATOR WITH MICROPROCESSOR
SC9200BS SILAN-SC9200BS Datasheet
194Kb / 9P
DTMF GENERATOR WITH MICROPROCESSOR
More results

Similar Description - SC9200

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCD3311C PHILIPS-PCD3311C Datasheet
176Kb / 28P
DTMF/modem/musical-tone generators
1996 Nov 21
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
DTMF Receiver?
logo
Holtek Semiconductor In...
HT9170 HOLTEK-HT9170 Datasheet
124Kb / 12P
DTMF Receiver
December 20, 1999
HT9200A HOLTEK-HT9200A Datasheet
282Kb / 8P
DTMF Generators
21st Aug 98
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
DTMF RECEIVER
logo
OKI electronic componet...
ML7005 OKI-ML7005 Datasheet
202Kb / 25P
DTMF Transceiver
logo
Mitel Networks Corporat...
MT8865 MITEL-MT8865 Datasheet
231Kb / 6P
DTMF Filter
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
DTMF Receiver
September 24, 2002
HT9200A HOLTEK-HT9200A_04 Datasheet
139Kb / 14P
DTMF Generators
August 30, 2004
HT9200A HOLTEK-HT9200A_13 Datasheet
151Kb / 13P
DTMF Generators
April 29, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com