Electronic Components Datasheet Search
  English  ▼

X  

TLV313 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV313
Description  Low-Power, Rail-to-Rail In/Out, 750-uV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV313 Datasheet(HTML) 2 Page - Texas Instruments

  TLV313 Datasheet HTML 1Page - Texas Instruments TLV313 Datasheet HTML 2Page - Texas Instruments TLV313 Datasheet HTML 3Page - Texas Instruments TLV313 Datasheet HTML 4Page - Texas Instruments TLV313 Datasheet HTML 5Page - Texas Instruments TLV313 Datasheet HTML 6Page - Texas Instruments TLV313 Datasheet HTML 7Page - Texas Instruments TLV313 Datasheet HTML 8Page - Texas Instruments TLV313 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
TLV313-Q1
SBOS884 – OCTOBER 2017
www.ti.com
Product Folder Links: TLV313-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 4
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics: 5.5 V ................................ 6
7.6
Electrical Characteristics: 1.8 V ................................ 8
7.7
Typical Characteristics: Table of Graphs ................ 10
7.8
Typical Characteristics ............................................ 11
8
Detailed Description ............................................ 14
8.1
Overview ................................................................. 14
8.2
Functional Block Diagram ....................................... 14
8.3
Feature Description................................................. 15
8.4
Device Functional Modes........................................ 16
9
Application and Implementation ........................ 17
9.1
Application Information............................................ 17
9.2
Typical Application ................................................. 17
9.3
System Examples .................................................. 18
10
Power Supply Recommendations ..................... 19
10.1
Input and ESD Protection ..................................... 19
11
Layout................................................................... 20
11.1
Layout Guidelines ................................................. 20
11.2
Layout Example .................................................... 20
12
Device and Documentation Support ................. 21
12.1
Documentation Support ........................................ 21
12.2
Receiving Notification of Documentation Updates 21
12.3
Community Resources.......................................... 21
12.4
Trademarks ........................................................... 21
12.5
Electrostatic Discharge Caution ............................ 21
12.6
Glossary ................................................................ 21
13
Mechanical, Packaging, and Orderable
Information ........................................................... 21
4 Revision History
DATE
REVISION
NOTES
October 2017
*
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com