Electronic Components Datasheet Search
  English  ▼

X  

TLV313 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV313
Description  Low-Power, Rail-to-Rail In/Out, 750-uV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLV313 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV313 Datasheet HTML 9Page - Texas Instruments TLV313 Datasheet HTML 10Page - Texas Instruments TLV313 Datasheet HTML 11Page - Texas Instruments TLV313 Datasheet HTML 12Page - Texas Instruments TLV313 Datasheet HTML 13Page - Texas Instruments TLV313 Datasheet HTML 14Page - Texas Instruments TLV313 Datasheet HTML 15Page - Texas Instruments TLV313 Datasheet HTML 16Page - Texas Instruments TLV313 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Time (125 µs/div)
C028
V
IN
V
OUT
0
20
40
60
80
100
120
10
100
1000
10000
Frequency (MHz)
C033
Time (2.5 µs/div)
C024
V
OUT
V
IN
Time (2.5 µs/div)
C025
V
OUT
V
IN
Time (1 µs/div)
C023
C
L = 10 pF
C
L = 100 pF
V
IN
Time (1 µs/div)
C004
V
IN
C
L = 10 pF
C
L = 100 pF
13
TLV313-Q1
www.ti.com
SBOS884 – OCTOBER 2017
Product Folder Links: TLV313-Q1
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Typical Characteristics (continued)
at TA = 25°C, VS = 5 V, RL = 10 kΩ connected to VS / 2, and VCM = VOUT = VS / 2, (unless otherwise noted)
G = 1 V/V
VS = 1.8 V
VCM = 0.5 V
RL = 10 kΩ
Figure 13. Small-Signal Pulse Response
(Minimum Supply)
G = 1 V/V
VS = 5.5 V
RL = 10 kΩ
Figure 14. Small-Signal Pulse Response
(Maximum Supply)
G = 1 V/V
VS = 1.8 V
RL = 10 kΩ
Figure 15. Large-Signal Pulse Response
(Minimum Supply)
G = 1 V/V
VS = 5.5 V
RL = 10 kΩ
Figure 16. Large-Signal Pulse Response
(Maximum Supply)
Figure 17. No Phase Reversal
PRF = –10 dBm
VSUPPLY = 5 V
VCM = 2.5 V
Figure 18. EMIRR IN+ vs Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com