Electronic Components Datasheet Search
  English  ▼

X  

AC08FSM Datasheet(PDF) 86 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 86 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 82Page - Teccor Electronics AC08FSM Datasheet HTML 83Page - Teccor Electronics AC08FSM Datasheet HTML 84Page - Teccor Electronics AC08FSM Datasheet HTML 85Page - Teccor Electronics AC08FSM Datasheet HTML 86Page - Teccor Electronics AC08FSM Datasheet HTML 87Page - Teccor Electronics AC08FSM Datasheet HTML 88Page - Teccor Electronics AC08FSM Datasheet HTML 89Page - Teccor Electronics AC08FSM Datasheet HTML 90Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 223 page
background image
Diac
Data Sheets
http://www.teccor.com
E8 - 4
2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Figure E8.3 Normalized VBO Change versus Junction Temperature
Figure E8.4 Test Circuit Waveforms (Refer to Figure E8.5.)
Figure E8.5 Circuit Used to Measure Diac Characteristics
(Refer to Figure E8.4.)
Figure E8.6 Peak Output Current versus Triggering Capacitance
(Per Figure E8.5 with RL of 20 Ω)
-8
-6
-4
-2
0
+2
+4
+6
+8
-40
-20
0
+20 +40 +60 +80 +100 +120 +140
Junction Temperature (T
J) – ˚C
ST Series
HT Series
∆V+
∆V-
V
C
0
-V
BO
I
L
+I
PK
0
t
-I
PK
t
+V
BO
Typical pulse base width is 10 µs
120 V rms
60 Hz
47 k
D.U.T.
R
L
20
Ω
1%
V
C
100 k
*
C
T
I
L
O.1
µF
* Adjust for one firing in each half cycle. D.U.T. = Diac
Triggering Capacitance (CT) – µF
.01
.02
.03
.04
.05
.06
.07
.08
.09
0
50
100
150
200
250
300
Typical
(35
V
Dev
ice)
.10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com