Electronic Components Datasheet Search
  English  ▼

X  

AC08FSM Datasheet(PDF) 88 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 88 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 84Page - Teccor Electronics AC08FSM Datasheet HTML 85Page - Teccor Electronics AC08FSM Datasheet HTML 86Page - Teccor Electronics AC08FSM Datasheet HTML 87Page - Teccor Electronics AC08FSM Datasheet HTML 88Page - Teccor Electronics AC08FSM Datasheet HTML 89Page - Teccor Electronics AC08FSM Datasheet HTML 90Page - Teccor Electronics AC08FSM Datasheet HTML 91Page - Teccor Electronics AC08FSM Datasheet HTML 92Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 223 page
background image
http://www.teccor.com
E9 - 2
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Sidac
Data Sheets
Specific Test Conditions
di/dt — Critical rate-of-rise of on-state current
dv/dt — Critical rate-of-rise of off-state voltage at rated VDRM;
TJ ≤ 100 °C
IBO — Breakover current 50/60 Hz sine wave
IDRM — Repetitive peak off-state current 50/60 Hz sine wave; V = VDRM
IH — Dynamic holding current 50/60 Hz sine wave; R = 100 Ω
IT(RMS) — On-state RMS current TJ ≤ 125 °C 50/60 Hz sine wave
ITSM — Peak one-cycle surge current 50/60 Hz sine wave (non-
repetitive)
RS — Switching resistance
50/60 Hz sine wave
VBO — Breakover voltage 50/60 Hz sine wave
VDRM — Repetitive peak off-state voltage
VTM — Peak on-state voltage; IT = 1 A
General Notes
•
All measurements are made at 60 Hz with a resistive load at an
ambient temperature of +25 °C unless otherwise specified.
•
Storage temperature range (TS) is -65 °C to +150 °C.
•The case (TC) or lead (TL) temperature is measured as shown on
the dimensional outline drawings in the “Package Dimensions” sec-
tion of this catalog.
•
Junction temperature range (TJ) is -40 °C to +125 °C.
•
Lead solder temperature is a maximum of +230 °C for 10-second
maximum;
≥1/16" (1.59 mm) from case.
Electrical Specification Notes
(1) See Figure E9.5 for VBO change versus junction temperature.
(2) See Figure E9.6 for IBO versus junction temperature.
(3) See Figure E9.2 for IH versus case temperature.
(4) See Figure E9.13 for test circuit.
(5) See Figure E9.1 for more than one full cycle rating.
(6) TC ≤ 90 °C for TO-92 Sidac
TC ≤ 105 °C for TO-202 Sidacs
TL ≤ 100 °C for DO-15X
TL ≤ 90 °C for DO-214
(7) See Figure E9.14 for clarification of sidac operation.
(8) For best sidac operation, the load impedance should be near or
less than switching resistance.
(9) See package outlines for lead form configurations. When ordering
special lead forming, add type number as suffix to part number.
(10) Do not use electrically connected mounting tab or center lead.
V-I Characteristics
Type
Part No.
IT(RMS)
VDRM
VBO
IDRM
IBO
IH
TO-92
DO-15X
(10)
TO-202
DO-214
(7) (8)
Amps
Volts
(1)
Volts
µAmps
(2)
µAmps
(3) (4)
mAmps
See “Package Dimensions” section for variations. (9)
MAX
MIN
MIN
MAX
MAX
MAX
TYP
MAX
K0900E70
K0900G
K0900S
1
±70
79
97
5
10
60
150
K1050E70
K1050G
K1050S
1
±90
95
113
5
10
60
150
K1100E70
K1100G
K1100S
1
±90
104
118
5
10
60
150
K1200E70
K1200G
K1200S
1
±90
110
125
5
10
60
150
K1300E70
K1300G
K1300S
1
±90
120
138
5
10
60
150
K1400E70
K1400G
K1400S
1
±90
130
146
5
10
60
150
K1500E70
K1500G
K1500S
1
±90
140
170
5
10
60
150
K2000E70
K2000G
K2000F1
K2000S
1
±180
190
215
5
10
60
150
K2200E70
K2200G
K2200F1
K2200S
1
±180
205
230
5
10
60
150
K2400E70
K2400G
K2400F1
K2400S
1
±190
220
250
5
10
60
150
K2500E70
K2500G
K2500F1
K2500S
1
±200
240
280
5
10
60
150
K3000F1
1
±200
270
330
5
10
60
150
RS
VBO VS
–
()
IS IBO
–
()
--------------------------------
=
-V
+I
VDRM
+V
VS
IS
IH
RS
IDRM
IBO
VBO
VT
IT
(IS - IBO)
(VBO - VS)
RS =
-I



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com