Electronic Components Datasheet Search
  English  ▼

X  

AC08FSM Datasheet(PDF) 114 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 114 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 110Page - Teccor Electronics AC08FSM Datasheet HTML 111Page - Teccor Electronics AC08FSM Datasheet HTML 112Page - Teccor Electronics AC08FSM Datasheet HTML 113Page - Teccor Electronics AC08FSM Datasheet HTML 114Page - Teccor Electronics AC08FSM Datasheet HTML 115Page - Teccor Electronics AC08FSM Datasheet HTML 116Page - Teccor Electronics AC08FSM Datasheet HTML 117Page - Teccor Electronics AC08FSM Datasheet HTML 118Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 223 page
background image
Packing Options
Data Sheets
http://www.teccor.com
M3 - 4
2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
TO-92 Type 70 Reel Pack (RP3) Optional
Meets all EIA-468-B 1994 Standards
TO-92 Type 70 Reel Pack (RP2) Standard
Meets all EIA-468-B 1994 Standards
Flat Up
0.708
(18.0)
1.3
(33.1)
0.5
(12.7)
0.1 (2.54)
0.354
(9.0)
0.236
(6.0)
0.02 (0.5)
Direction of Feed
Dimensions
are in inches
(and millimeters).
1.97
(50.0)
14.17
(360.0)
0.95
(24.1)
0.157
DIA
(4.0)
Flat Down
1.62
(41.2)
0.708
(18.0)
0.354
(9.0)
0.236
(6.0)
0.02
(0.5)
0.50
(12.7)
14.17
(360.0)
0.20
(5.08)
0.125 (3.2) MAX
1.27
(32.2)
1.97
(50.0)
0.50
(12.7)
0.25
(6.35)
Dimensions
are in inches
(and millimeters).
Direction of Feed
0.157
DIA
(4.0)