Electronic Components Datasheet Search
  English  ▼

X  

AC08FSM Datasheet(PDF) 131 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 131 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 127Page - Teccor Electronics AC08FSM Datasheet HTML 128Page - Teccor Electronics AC08FSM Datasheet HTML 129Page - Teccor Electronics AC08FSM Datasheet HTML 130Page - Teccor Electronics AC08FSM Datasheet HTML 131Page - Teccor Electronics AC08FSM Datasheet HTML 132Page - Teccor Electronics AC08FSM Datasheet HTML 133Page - Teccor Electronics AC08FSM Datasheet HTML 134Page - Teccor Electronics AC08FSM Datasheet HTML 135Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 131 / 223 page
background image
Application Notes
AN1002
©2002 Teccor Electronics
AN1002 - 5
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
Examples of a 10 A triac:
If IGT(I) = 10 mA, then
IGT(II) = 15 mA
IGT(III) = 14 mA
IGT(IV) = 31 mA
If IL(I) = 16 mA, then
IL(II) = 40 mA
IL(III) = 18 mA
IL(IV) = 20 mA
If IH(+) = 11 mA at 25 °C, then
IH(+) = 16 mA
Summary
Gating, latching, and holding current characteristics of thyristors
are quite important yet predictable (once a single parameter
value is known). Their interrelationships (ratios) can also be used
to help designers in both initial circuit application design as well
as device selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com