Electronic Components Datasheet Search
  English  ▼

X  

AC08FSM Datasheet(PDF) 156 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 156 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 152Page - Teccor Electronics AC08FSM Datasheet HTML 153Page - Teccor Electronics AC08FSM Datasheet HTML 154Page - Teccor Electronics AC08FSM Datasheet HTML 155Page - Teccor Electronics AC08FSM Datasheet HTML 156Page - Teccor Electronics AC08FSM Datasheet HTML 157Page - Teccor Electronics AC08FSM Datasheet HTML 158Page - Teccor Electronics AC08FSM Datasheet HTML 159Page - Teccor Electronics AC08FSM Datasheet HTML 160Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 223 page
background image
AN1006
Application Notes
http://www.teccor.com
AN1006 - 4
©2002 Teccor Electronics
+1 972-580-7777
Thyristor Product Catalog
Power Rectifiers
The rectifier is a unidirectional device which conducts when for-
ward voltage (above 0.7 V) is applied.
To connect the rectifier:
1. Connect Anode to Collector Terminal (C).
2. Connect Cathode to Emitter Terminal (E).
To begin testing, perform the following procedures.
Procedure 1: VRRM and IRM
To measure the VRRM and IRM parameter:
1. Set Variable Collector Supply Voltage Range to 1500 V.
(2000 V on 370)
2. Set Horizontal knob to sufficient scale to allow viewing of
trace at the required voltage level (100 V/DIV for 400 V and
600 V devices and 50 V/DIV for 200 V devices).
3. Set Mode to Leakage.
4. Set Vertical knob to 100 µA/DIV. (Due to leakage setting, the
CRT readout will be 100 nA per division.)
5. Set Terminal Selector to Emitter Grounded-Open Base.
6. Set Polarity to (–).
7. Set Power Dissipation to 2.2 W. (2W on 370)
8. Set Left-Right Terminal Jack Selector to correspond with
location of test fixture.
9. Increase Variable Collector Supply Voltage to the rated
VRRM of the device and observe the dot on the CRT. Read
across horizontally from the dot to the vertical current scale.
This measured value is the leakage current.
(Figure AN1006.2)
Figure AN1006.2
IRM = 340 nA at VRRM = 600 V
Procedure 2: VFM
Before testing, note the following:
•
A Kelvin test fixture is required for this test. If a Kelvin fixture is
not used, an error in measurement of VFM will result due to
voltage drop in fixture. If a Kelvin fixture is not available,
Figure AN1006.3 shows necessary information to wire a test
fixture with Kelvin connections.
•
Due to the current limitations of standard curve tracer
model 576, VFM cannot be tested at rated current without a Tek-
tronix model 176 high-current module. The procedure below is
done at IT(RMS) = 10 A (20 APK). This test parameter allows the
use of a standard curve tracer and still provides an estimate of
whether VFM is within specification.
Figure AN1006.3
Instructions for Wiring Kelvin Socket
To measure the VFM parameter:
1. Set Variable Collector Supply Voltage Range to 15 Max
Peak Volts. (16 V on 370)
2. Set Horizontal knob to 0.5 V/DIV.
3. Set Mode to Norm.
4. Set Vertical knob to 2 A/DIV.
5. Set Power Dissipation to 220 W (100 W on 577).
6. Set Polarity to (+).
7. Set Left-Right Terminal Jack Selector to correspond with
location of test fixture.
8. Increase Variable Collector Supply Voltage until current
reaches 20 A.
WARNING: Limit test time to 15 seconds maximum.
To measure VFM, follow along horizontal scale to the point where
the trace crosses the 20 A axis. The distance from the left-hand
side of scale to the crossing point is the VFM value.
(Figure AN1006.4)
Note: Model 370 current is limited to 10 A.
VRRM
IRM
100
nA
100
V
PER
V
E
R
T
DIV
PER
H
O
R
I
Z
DIV
PER
S
T
E
P
()k
DIV
9m
PER
DIV
SOCKET
SOCKET PINS
One set of
pins wired to
Collector (C),
Base (B), and
Emitter (E)
Terminals
The pins which correspond to
the anode and cathode of the
device are wired to the terminals
marked CSENSE (MT2/Anode) and
ESENSE (MT1/Cathode). The gate
does not require a Kelvin
connection.
Socket used
must have two
sets of pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com