Electronic Components Datasheet Search
  English  ▼

X  

AC08FSM Datasheet(PDF) 177 Page - Teccor Electronics

Part # AC08FSM
Description  Thyristor Product Catalog
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

AC08FSM Datasheet(HTML) 177 Page - Teccor Electronics

Back Button AC08FSM Datasheet HTML 173Page - Teccor Electronics AC08FSM Datasheet HTML 174Page - Teccor Electronics AC08FSM Datasheet HTML 175Page - Teccor Electronics AC08FSM Datasheet HTML 176Page - Teccor Electronics AC08FSM Datasheet HTML 177Page - Teccor Electronics AC08FSM Datasheet HTML 178Page - Teccor Electronics AC08FSM Datasheet HTML 179Page - Teccor Electronics AC08FSM Datasheet HTML 180Page - Teccor Electronics AC08FSM Datasheet HTML 181Page - Teccor Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 223 page
background image
Application Notes
AN1007
©2002 Teccor Electronics
AN1007 - 5
http://www.teccor.com
Thyristor Product Catalog
+1 972-580-7777
tally that general purpose AC circuits will generate minimum
electromagnetic interference (EMI) if energized at zero voltage.
The ideal AC circuit switch, therefore, consists of a contact which
closes at the instant when voltage across it is zero and opens at
the instant when current through it is zero. This has become
known as “zero-voltage switching.”
For applications that require synchronized zero-crossing turn-on,
the illustration in Figure AN1007.11 shows a circuit which incor-
porates an optocoupler with a built-in zero-crossing detector
Figure AN1007.11
Optocoupled Circuit with Zero-crossing Turn-on
(Triac or Alternistor)
Also, this circuit includes a dv/dt snubber network connected
across the power triac. This typical circuit illustrates switching the
hot line; however, the load may be connected to either the hot or
neutral line. Also, note that the series gate resistor is low in value
(22
Ω), which is possible on a 120 V line and above, since zero-
crossing turn-on is ensured in any initial half cycle.
Summary of Zero Crossing Turn-on Circuits
Zero voltage crossing turn-on opto-drivers are designed to limit
turn-on voltage to less than 20 V. This reduces the amount of RFI
and EMI generated when the thyristor switches on. Because of
this zero turn-on, these devices cannot be used to phase control
loads. Therefore, speed control of a motor and dimming of a
lamp cannot be accomplished with zero turn-on opto-couplers.
Since the voltage is limited to 20 V or less, the series gate resis-
tor that limits the gate drive current has to be much lower with a
zero crossing opto-driver. With typical inhibit voltage of 5 V, an
alternistor triac gate could require a 160 mA at -30 °C (5 V/
0.16 A = 31
Ω gate resistor). If the load has a high inrush current,
then drive the gate of the triac with as much current as reliably
possible but stay under the ITSM rating of the opto-driver. By using
22
Ω for the gate resistor, a current of at least 227 mA is supplied
with only 5 V, but limited to 909 mA if the voltage goes to 20 V. As
shown in Figure AN1007.12, Figure AN1007.13, and Figure
AN1007.14, a 22
Ω gate resistor is a good choice for various
zero crossing controllers.
Figure AN1007.12
Zero Crossing Turn-on Opto Triac Driver
Figure AN1007.13
Zero Crossing Turn-on Non-sensitive SCR Driver
Figure AN1007.14
Zero Crossing Turn-on Opto-sensitive Gate SCR
Driver
Rin
Vcc
1
120 V ac
MT2
MT1
2
3
Load
6
0.1 µF
4
5
Hot
Neutral
Zero
Crossing
Circuit
G
100
22
Triac or
Alternistor
MT2
0.1
µf
100
Ω
Load
MT1
Hot
Neutral
120/240 V ac
G
22
Input
Rin
1
6
5
4
3
2
Load could be here
instead of lower location
Zero
Crossing
Circuit
Rin 1
G
120/240 V ac
2
3
0.1
µF
Load
6
4
5
22
K
A
100
G
A
K
Non-sensitive Gate SCRs
Load could be here
instead of lower location
Zero
Crossing
Circuit
Input
Rin 1
G
120/240 V ac
2
3
0.1
µF
Load
6
4
5
22
K
A
100
G
A
K
Sensitive Gate SCRs
Load could be here
instead of lower location
Zero
Crossing
Circuit
Input
1 K
1 K
*
*
* Gate Diodes to Have
Same PIV as SCRs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com