Electronic Components Datasheet Search
  English  ▼

X  

SI-3033C Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # SI-3033C
Description  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3033C Datasheet(HTML) 1 Page - Allegro MicroSystems

  SI-3033C Datasheet HTML 1Page - Allegro MicroSystems SI-3033C Datasheet HTML 2Page - Allegro MicroSystems SI-3033C Datasheet HTML 3Page - Allegro MicroSystems SI-3033C Datasheet HTML 4Page - Allegro MicroSystems SI-3033C Datasheet HTML 5Page - Allegro MicroSystems SI-3033C Datasheet HTML 6Page - Allegro MicroSystems SI-3033C Datasheet HTML 7Page - Allegro MicroSystems SI-3033C Datasheet HTML 8Page - Allegro MicroSystems SI-3033C Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
The SI-3018LSA is designed to meet the requirement for increased
integration and reliability in low-voltage, high-current, linear regulator
applications such as personal computers (PCs) and set-top boxes. Each
device incorporates a monolithic low-level reference and control circuit
with a high-current pnp transistor in a power multi-chip module
(PMCM™). Regulated output voltages of 2.5 V or 3.3 V are also
available.
The high-current pass element provides a low dropout voltage with
output current to 1 A. Regulator accuracy of
±2 % and excellent
temperature characteristics are provided. The logic-compatible
ENABLE input gives the designer complete control over power up,
power down, and standby or sleep.
These devices are supplied in a fully molded 8-lead miniature
surface-mount package (tape and reel) with enhanced power-dissipating
qualities. They are rated for continuous operation between -30
°C and
+100
°C.
FEATURES
s
1 A Output Current
s
Low Dropout voltage
s
LSTTL/CMOS-Compatible On/Off Control
Less Than 1
µA “Sleep” Current
s
Internal Foldback Overcurrent Limiting
s
Internal Thermal Protection
s
Surface-Mount Package
Always order by complete part number: SI-3018LSA-TL ,
where “-TL” indicates tape and reel.
ABSOLUTE MAXIMUM RATINGS
Input Voltage, VI ................................ 16 V
Supply Voltage, VS ............................ 16 V
Continuous Output Current, IO ........ 1.0 A*
Logic Input Voltage, VE ......................... VS
Package Power Dissipation,
PD ........................................ See Graph
Output Junction Temperature,
TJ ............................................ +150°C†
Operating Temperature Range,
TA ............................... -30°C to +100°C
Storage Temperature Range,
Tstg ............................. -30°C to +150°C
* Output current rating may be limited by duty
cycle, ambient temperature, and heat sinking.
Under any set of conditions, do not exceed the
specified current rating or a junction temperature
of 150˚C.
† Fault conditions that produce excessive
junction temperature will activate the device’s
thermal protection circuitry. These conditions
can be tolerated but should be avoided.
SI-3018LSA
1
2
3
45
6
7
8
Dwg. PK-012
IN
GND
OUT
INTERNAL
CONNECTION
ENABLE
SUPPLY
GND
OUT
IC
VR
SUB
VS
TM


Similar Part No. - SI-3033C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3033C SANKEN-SI-3033C Datasheet
59Kb / 7P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
logo
List of Unclassifed Man...
SI-3033C ETC-SI-3033C Datasheet
94Kb / 7P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results

Similar Description - SI-3033C

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
SI-3025LSA ALLEGRO-SI-3025LSA Datasheet
163Kb / 10P
LOW-VOLTAGE, HIGH-CURRENT 2.5 V LINEAR REGULATOR
SI-3033LSA ALLEGRO-SI-3033LSA Datasheet
163Kb / 10P
LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
SI3025 ALLEGRO-SI3025 Datasheet
172Kb / 10P
LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
SI3033LSA ALLEGRO-SI3033LSA Datasheet
172Kb / 10P
LOW-VOLTAGE, HIGH-CURRENT 3.3 V LINEAR REGULATOR
SI-3018LSA ALLEGRO-SI-3018LSA Datasheet
169Kb / 9P
LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
logo
Infineon Technologies A...
TLS805B1SJV INFINEON-TLS805B1SJV_15 Datasheet
1Mb / 22P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-02-05
TLS810B1 INFINEON-TLS810B1 Datasheet
1Mb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2015-11-02
TLS805D1LDV50 INFINEON-TLS805D1LDV50 Datasheet
1Mb / 29P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.0, 2016-03-18
TLS805B1LDV50 INFINEON-TLS805B1LDV50 Datasheet
770Kb / 24P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.10, 2016-04-20
TLS805B1LDV INFINEON-TLS805B1LDV Datasheet
1Mb / 26P
Ultra Low Quiescent Current Linear Voltage Regulator
Rev. 1.2, 2016-01-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com