Electronic Components Datasheet Search
  English  ▼

X  

SI-3033C Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # SI-3033C
Description  LOW-VOLTAGE, HIGH-CURRENT 1.8 V LINEAR REGULATOR
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

SI-3033C Datasheet(HTML) 3 Page - Allegro MicroSystems

  SI-3033C Datasheet HTML 1Page - Allegro MicroSystems SI-3033C Datasheet HTML 2Page - Allegro MicroSystems SI-3033C Datasheet HTML 3Page - Allegro MicroSystems SI-3033C Datasheet HTML 4Page - Allegro MicroSystems SI-3033C Datasheet HTML 5Page - Allegro MicroSystems SI-3033C Datasheet HTML 6Page - Allegro MicroSystems SI-3033C Datasheet HTML 7Page - Allegro MicroSystems SI-3033C Datasheet HTML 8Page - Allegro MicroSystems SI-3033C Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SI-3018LSA
LOW-VOLTAGE, HIGH-CURRENT
1.8 V LINEAR REGULATOR
www.allegromicro.com
3
ELECTRICAL CHARACTERISTICS at T
A = +25°C, VI = VS = 3.3 V, VE = 2.0 V (unless otherwise
noted).
Limits
Characteristic
Symbol
Test Conditions
Min.
Typ.
Max.
Units
Output Voltage
V
O
I
O = 500 mA
1.764
1.800
1.836
V
V
OQ
V
E = 0 V, Output Off
—
—
0.5
V
Output Volt. Temp. Coeff.
a
VO
I
O = 5 mA, 0°C ≤ TJ ≤ 100°C—
±0.3
—
mV/
°C
Overcurrent Limit
I
OM
V
O = 95% of VO at IO = 500 mA
1.2
1.5
—
A
Line Regulation
∆V
O(
∆VI)
3.1 V
≤ V
I = VS ≤ 3.5 V, IO = 300 mA
—
2.0
10
mV
Load Regulation
∆V
O(
∆IO)
0
≤ I
O ≤ 1 A
—
10
20
mV
Dropout Voltage
V
Imin - VO
I
O ≤ 1 A
—
0.55
1.2
V
Ground Terminal Current
I
GND
I
O = 0 mA
—
1.7
2.5
mA
I
Q
V
E = 0 V, IO = 0 mA
—
—
1.0
µA
Rejection Ratio
PSRR
100 Hz
≤ f ≤ 120 Hz
—
60
—
dB
ENABLE Input Voltage
V
EH
Output On
2.0
—
—
V
V
EL
Output Off
—
—
0.8
V
ENABLE Input Current
I
EH
V
E = 2 V, Output On
—
30
80
µA
I
EL
V
E = 0 V, Output Off
—
0
-5.0
µA
Thermal Protection Temp.
T
J
135
150
—
°C
Thermal Resistance
RθJL
To terminals 7 and 8
—
36
—
°C/W
Typical values are at T
A = +25°C and are given for circuit design information only.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com