Electronic Components Datasheet Search
  English  ▼

X  

SMH4811AS Datasheet(PDF) 13 Page - Summit Microelectronics, Inc.

Part # SMH4811AS
Description  DISTRIBUTED POWER HOT SWAP CONTROLLER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMMIT [Summit Microelectronics, Inc.]
Direct Link  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMH4811AS Datasheet(HTML) 13 Page - Summit Microelectronics, Inc.

Back Button SMH4811AS Datasheet HTML 8Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 9Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 10Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 11Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 12Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 13Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 14Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 15Page - Summit Microelectronics, Inc. SMH4811AS Datasheet HTML 16Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
2044 6.1 2/8/01
SMH4811A
SUMMIT MICROELECTRONICS, Inc.
Preliminary
Figure 7. Expanding Input Monitoring Capability
Figure 8. Typical Application with DC/DC Converter
100k
Ω
MMBTA06LT1
RT
68k
Ω
1k
Ω
*10
Ω
10nF
100V
MMBD1401
100nF
100nF
50V
100nF
50V
10nF
100V
UV
OV
PD1#
PD2#
FAULT#
PG#
5VREF
SMH4811A
0V
–48V
10k
Ω
R1
RD
6.8k
Ω
100µF
100V
R3
1M
Ω
R2
RS
20m
Ω
0V
–48V
EN/TS
1k
Ω
100nF
50V
+
–
LMV
339
+
–
+
–
+
–
EN1
EN4
EN2
EN3
10k
Ω
2044 Fig07
10k
Ω
100k
Ω
MMBTA06LT1
68k
Ω
1k
Ω
*10
Ω
10nF
100V
MMBD1401
100nF
0V
–48V
+VIN
–VIN
ON/OFF
+VOUT
–VOUT
V
UV
OV
PD1#
PD2#
PG#
5VREF
SMH4811A
10k
Ω
10k
Ω
R3
R2
RS
R1
EN/TS
RD
6.8k
Ω
0V
100nF
50V
2044 Fig08
DC / DC
Converters
10nF
100V
100µF
100V
100nF
50V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com