Electronic Components Datasheet Search
  English  ▼

X  

TUSB564 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TUSB564
Description  USB TYPE-C DP Alt Mode 8.1 Gbps Sink-Side Linear Redriver Crosspoint Switch
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TUSB564 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TUSB564 Datasheet HTML 6Page - Texas Instruments TUSB564 Datasheet HTML 7Page - Texas Instruments TUSB564 Datasheet HTML 8Page - Texas Instruments TUSB564 Datasheet HTML 9Page - Texas Instruments TUSB564 Datasheet HTML 10Page - Texas Instruments TUSB564 Datasheet HTML 11Page - Texas Instruments TUSB564 Datasheet HTML 12Page - Texas Instruments TUSB564 Datasheet HTML 13Page - Texas Instruments TUSB564 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
10
TUSB564
SLLSF29A – OCTOBER 2017 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: TUSB564
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
6.7 Timing Requirements
MIN
NOM
MAX
UNIT
USB 3.1
tIDLEEntry,
Delay from U0 to electrical idle
10
ns
tIDLEExit_U1
U1 exist time: break in electrical idle to the transmission of LFPS
6
ns
tIDLEExit_U2
U3
U2/U3 exit time: break in electrical idle to transmission of LFPS
10
µs
tRXDET_INT
VL
RX detect interval while in Disconnect
12
ms
tIDLEExit_DIS
C
Disconnect Exit Time
10
µs
tExit_SHTDN
Shutdown Exit Time (CTL0 = VCC/2 to U2/U3)
1
ms
tDIFF_DLY
Differential Propagation Delay (20%-80% of differential voltage measured
1.7 inch from the output pin)
300
ps
tPWRUPACTI
VE
Time when Vcc reaches 70% to device active
1
ms
tR, tF
Output Rise/Fall Time
40
ps
tRF-MM
Output Rise/Fall time mismatch (20%-80% of differential voltage measured
1.7 inch from the output pin)
5
ps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com