Electronic Components Datasheet Search
  English  ▼

X  

SPT9110 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SPT9110
Description  100 MSPS SINGLE-TO-DIFFERENTIAL TRACK-AND-HOLD
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SPT9110 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SPT9110 Datasheet HTML 3Page - List of Unclassifed Manufacturers SPT9110 Datasheet HTML 4Page - List of Unclassifed Manufacturers SPT9110 Datasheet HTML 5Page - List of Unclassifed Manufacturers SPT9110 Datasheet HTML 6Page - List of Unclassifed Manufacturers SPT9110 Datasheet HTML 7Page - List of Unclassifed Manufacturers SPT9110 Datasheet HTML 8Page - List of Unclassifed Manufacturers SPT9110 Datasheet HTML 9Page - List of Unclassifed Manufacturers SPT9110 Datasheet HTML 10Page - List of Unclassifed Manufacturers SPT9110 Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
SPT
8
11/12/98
SPT9110
TYPICAL PERFORMANCE CHARACTERISTICS
Single-Ended (OUT+) Hold Mode Distortion vs. Sample Rate
-40
-45
-50
-55
-60
-65
50
70
90
110
130
150
170
190
Sample Rate (MSPS)
Input = 50 MHz
Input = 25 MHz
Track Mode Bandwidth
0
40
80
120
160
200
Input Frequency (MHz)
OUT-
OUT+
-6
-4
-2
0
+2
Reference Output Voltage vs. Temperature
2.46
2.47
2.48
2.49
2.5
Temperature (°C)
-50
0
+50
100
Slew Rate vs. Temperature
VOUT = 2 VP-P
300
500
700
900
-50
0
50
100
Temperature (°C)
OUT+
OUT-
Differential Track Mode Distortion vs. Input Frequency
VIN = 1 VP-P
-50
-55
-60
-65
-70
-75
0
5
10
15
20
25
30
35
40
Input Frequency (MHz)
Single Ended Track Mode Distortion vs. Input Frequency
VIN = 1VP-P
-35
-40
-45
-50
-55
-60
-65
-70
-75
10
20
30
40
50
60
70
80
Input Frequency (MHz)
OUT+
OUT-



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com