Electronic Components Datasheet Search
  English  ▼

X  

ST92F120JR9Q6 Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST92F120JR9Q6
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  324 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR9Q6 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST92F120JR9Q6 Datasheet HTML 6Page - STMicroelectronics ST92F120JR9Q6 Datasheet HTML 7Page - STMicroelectronics ST92F120JR9Q6 Datasheet HTML 8Page - STMicroelectronics ST92F120JR9Q6 Datasheet HTML 9Page - STMicroelectronics ST92F120JR9Q6 Datasheet HTML 10Page - STMicroelectronics ST92F120JR9Q6 Datasheet HTML 11Page - STMicroelectronics ST92F120JR9Q6 Datasheet HTML 12Page - STMicroelectronics ST92F120JR9Q6 Datasheet HTML 13Page - STMicroelectronics ST92F120JR9Q6 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 324 page
background image
10/324
ST92F120 - GENERAL DESCRIPTION
In Figure 5 a true open-drain pin schematic is
shown. In this case all paths to VDD are removed
(P-channel driver, ESD protection diode, internal
weak pull-up) in order to allow the system to turn
off the power supply of the microcontroller and
keep the voltage level at the pin high without in-
jecting current in the device. This is a typical con-
dition which can occur when several devices inter-
face a serial bus: if one device is not involved in
the communication, it can be disabled by turning
off its power supply to reduce the system current
consumption.
When an illegal negative voltage level is applied to
the ST9 I/O pins (both versions, push-pull and true
open-drain output) the clamp diode is always
present and active (see ESD protection circuitry
and N-channel driver).
1.2.4.4 Internal Circuitry: Analog Input pin
Figure 5 shows the internal circuitry used for ana-
log input. It is substantially a digital I/O with an
added analog multiplexer for the A/D Converter in-
put signal selection.
The presence of the multiplexer P-channel and N-
channel can affect the behaviour of the pin when
exposed to illegal voltage conditions. These tran-
sistors are controlled by a low noise logic, biased
through AVDD and AVSS including P-channel N-
well: it is important to always verify the input volt-
age value with respect to both analog power sup-
ply and digital power supply, in order to avoid un-
intended current injections which (if not limited)
could destroy the device.
Figure 5. Digital Input/Output - Push-Pull Output - Analog Multiplexer Input
PIN
OUTPUT
BUFFER
P
N
P
N
N
INPUT
BUFFER
P
ESD PROTECTION
CIRCUITRY
PORT CIRCUITRY
I/O CIRCUITRY
P
EN
EN
P
AVDD
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com