Electronic Components Datasheet Search
  English  ▼

X  

TC90101FG Datasheet(PDF) 13 Page - Toshiba Semiconductor

Part # TC90101FG
Description  TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90101FG Datasheet(HTML) 13 Page - Toshiba Semiconductor

Back Button TC90101FG Datasheet HTML 9Page - Toshiba Semiconductor TC90101FG Datasheet HTML 10Page - Toshiba Semiconductor TC90101FG Datasheet HTML 11Page - Toshiba Semiconductor TC90101FG Datasheet HTML 12Page - Toshiba Semiconductor TC90101FG Datasheet HTML 13Page - Toshiba Semiconductor TC90101FG Datasheet HTML 14Page - Toshiba Semiconductor TC90101FG Datasheet HTML 15Page - Toshiba Semiconductor TC90101FG Datasheet HTML 16Page - Toshiba Semiconductor TC90101FG Datasheet HTML 17Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Feb./2005
13
TC90101FG
12. Insertion of IIC read data for output
TC90101FG has IIC read data insert mode for ITU-656 out put format.
It’s also available for ITU-601 mode. These functions are based on ARIB STD-B6.
Selection of the line for IIC read data insertion is set via register at sub address 25hex and 26hex .
①
25H D7:Insertion ON / OFF control for Horisontal blanking periode.
②
25H D6:Insertion ON / OFF control for Vertical blanking periode.
③
25H D5:Selection of insertion for ITU-601 mode
④
25H D4-D0:Line selection of insertion for Horizontal blanking periode.
⑤
26H D7-D4:Line selection of insertion for Vertical blanking periode.
TC90101FG uses “the 2nd form of ARIB "
●ADF
ADF uses fixed value.
1) at the 10bit mode
000h
3FFh
3FFh
2) at the 8 bit mode
00h
FFh
FFh
●DID
DID has 4bit control registers (26H:D3-D0).
1) For 10bit mode.
D9(MSB)
D8
D7
D6
D5
D4
D3
D2
D1
D0(LSB)
D8
D[7:0]の偶数パリティビット
0
1
0
0
DID3
DID2
DID1
DID0
2) For 8bit mode.
D7(MSB)
D6
D5
D4
D3
D2
D1
D0(LSB)
0
0
0
0
DID3
DID2
0
0 定
(
Notice) DID[3:2]=00 is not available when use 8bit mode.
●SDID
SDID has 4bit control registers (27H).
1) For 10bit mode.
D9(MSB)
D8
D7
D6
D5
D4
D3
D2
D1
D0(LSB)
D8
D[7:0]の偶数パリティビット
SDID7
SDID6
SDID5
SDID4
SDID3
SDID2
SDID1
SDID0
2) For 8bit mode.
D7(MSB)
D6
D5
D4
D3
D2
D1
D0(LSB)
SDID7
SDID6
SDID5
SDID4
SDID3
SDID2
0
0
(
Notice) DID[7:2]=0000 00 is not available when use 8bit mode.
●DC
DC uses Fixed value.
1) For 10bit mode.
D9(MSB)
D8
D7
D6
D5
D4
D3
D2
D1
D0(LSB)
0
1
0
0
1
0
0
0
0
0
2) For 8bit mode.
D7(MSB)
D6
D5
D4
D3
D2
D1
D0(LSB)
0
1
0
0
1
0
0
0
ADF
DID
SDID
DC
UDW
CS
ADF :Auxiliary signal flag word (Fixation) 3 word
DID
:For discernment (set by register)
SDID :For discernment 2nd data(set by register)
DC
:Data count code(the numbers of UDW word)
UDW :User data word (main data)
CS
:Check sum (DID∼UDW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com