Electronic Components Datasheet Search
  English  ▼

X  

TDA2030 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # TDA2030
Description  14W HI-FI AUDIO AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TDA2030 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button TDA2030 Datasheet HTML 6Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 7Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 8Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 9Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 10Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 11Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 12Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 13Page - List of Unclassifed Manufacturers TDA2030 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
TDA2030A
LINEAR INTEGRATED CIRCUIT
12
m2
m1
SR(V/ms)
Input
Signal
Filtered
Output
Siganal
Fig.23 20kHz sawtooth waveform
Fig.24 Inverting
sawtooth waveform
The result is an AC signal at the output whole peak-to-peak value is the TIM voltage, which can be measured
easily with an oscilloscope. If the peak- topeak value of the signal and the peak-to-peak of the inverting sawtooth are
measured, the TIM can be found very simply from:
TIM
VOUT
Vsawtooth
* 100
=
10-1
100
101
102
10
-2
10
-1
10
0
10
1
TDA2030A
BD908/907
Gv=26dB
Vs=36V
RL=4W
RC Filter fc=30kHz
Fig. 25 TIM distortion Vs.
Output Power
Po(W)
TIM(%)
10-1
100
101
102
Vo(Vp-p)
10
-1
10
0
10
1
10
2
RC Filter fc=30kHz
Fig. 26 TIM design
diagram(fc=30kHz)
SR(V/
s)
In Fig.25 The experimental results are shown for the 30W amplifier using the TDA2030A as a driver and a low-cost
complementary pair. A simple RC filter on the input of the amplifier to limit the maximum signal
slope(SS) is an
effective way to reduce TIM.
The Diagram of Fig.26 originated by SGS can be used to find the Slew- Rate(SR) required for a given output power
or voltage and a TIM design target.
For example if an anti-TIM filter with a cutoff at 30kHz is used and the max. Peak to peak output voltage is 20V then,
referring to the diagram, a Slew-Rate of 6V/ ms is necessary for 0.1% TIM.
As shown Slew-Rates of above 10V/ms do not contribute to a further reduction in TIM.
Slew-Rates of 100V/ms are not only useless but also a disadvantage in hi-fi audio amplifiers because they tend to turn
the amplifier into a radio receiver.
POWER SUPPLY
Using monolithic audio amplifier with non regulated supply correctly. In any working case it must provide a supply
voltage less than the maximum value fixed by the IC breakdown voltage.
CONTEK
Contek Microelectronics Co.,Ltd.
http://www.contek-ic.com E-mail:sales@contek-ic.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com